Electronic Components Datasheet Search
  English  ▼

X  

88203 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # 88203
Description  881.5MHz SAW Filter 25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

88203 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  88203 Datasheet HTML 1Page - SIPAT Co,Ltd 88203 Datasheet HTML 2Page - SIPAT Co,Ltd 88203 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT88203
Rev. Date
2009-10-15
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
881.5MHz SAW Filter
25MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT88203
Typical Performance
Frequency Respond
Passband Respond
750
800
850
900
950
1000
-91.4729
-81.4729
-71.4729
-61.4729
-51.4729
-41.4729
-31.4729
-21.4729
-11.4729
-1.4729
8.5271
Type Performance
Frequency(MHz)
830
840
850
860
870
880
890
900
910
920
930
-3.9729
-3.4729
-2.9729
-2.4729
-1.9729
-1.4729
-0.9729
-0.4729
0.0271
Type Performance
Frequency(MHz)
Horizontal: 50MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±12.5MHz)
Phase Linearity(f0±12.5MHz)
860
870
880
890
900
910
-40
-20
0
20
40
60
80
100
120
X: 881.5
Y: 35.32
Type Performance
Frequency(MHz)
X: 868.8
Y: 48.48
X: 894.3
Y: 39.72
860
870
880
890
900
910
-80
-60
-40
-20
0
20
40
60
X: 868.8
Y: 7.397
Type Performance
Frequency(MHz)
X: 894.3
Y: 3.7
X: 881.5
Y: -4.459
Horizontal: 10MHz/Div
Vertical: 20ns/Div
Horizontal: 10MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com