Electronic Components Datasheet Search
  English  ▼

X  

HT66F14 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT66F14
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F14 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT66F14 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 173 page
background image
NORMALMode
As the name suggests this is one of the main operating modes where the microcontroller has all of its
functions operational and where the system clock is provided by one of the high speed oscillators. This
mode operates allowing the microcontroller to operate normally with a clock source will come from
one of the high speed oscillators, either the HXT, ERC or HIRC oscillators. The high speed oscillator
will however first be divided by a ratio ranging from 1 to 64, the actual ratio being selected by the
CKS2~CKS0 and HLCLK bits in the SMOD register. Although a high speed oscillator is used,
running the microcontroller at a divided clock ratio reduces the operating current.
SLOWMode
This is also a mode where the microcontroller operates normally although now with a slower speed
clock source. The clock source used will be from the low speed oscillator LIRC. Running the
microcontroller in this mode allows it to run with much lower operating currents. In the SLOW Mode,
the fH is off.
SLEEP0Mode
The SLEEP Mode is entered when an HALT instruction is executed and when the IDLEN bit in the
SMOD register is low. In the SLEEP0 mode the CPU will be stopped, and the fSUB and fS clocks will be
stopped too, and the Watchdog Timer function is disabled. In this mode, the LVDEN is must set to
²0².
If the LVDEN is set to
²1², it won¢t enter the SLEEP0 Mode.
SLEEP1Mode
The SLEEP Mode is entered when a HALT instruction is executed and the IDLEN bit in the SMOD
register is low. In the SLEEP1 mode the CPU will be stopped. However, the fSUB and fS clocks will
continue to operate if the LVDEN is set to
²1² or the Watchdog Timer function is enabled and if its
clock source is chosen via configuration option to come from the fSUB.
IDLE0Mode
The IDLE0 Mode is entered when a HALT instruction is executed and when the IDLEN bit in the
SMOD register is high and the FSYSON bit in the WDTC register is low. In the IDLE0 Mode the
system oscillator will be inhibited from driving the CPU but some peripheral functions will remain
operational such as the Watchdog Timer and TMs. In the IDLE0 Mode, the system oscillator will be
stopped. In the IDLE0 Mode the Watchdog Timer clock, fS, will either be on or off depending upon the
fS clock source. If the source is fSYS/4, then the fS clock will be off, and if the source comes from fSUB
then fS will be on.
IDLE1Mode
The IDLE1 Mode is entered when a HALT instruction is executed and when the IDLEN bit in the
SMOD register is high and the FSYSON bit in the WDTC register is high. In the IDLE1 Mode the
system oscillator will be inhibited from driving the CPU but may continue to provide a clock source to
keep some peripheral functions operational such as the Watchdog Timer and TMs. In the IDLE1
Mode, the system oscillator will continue to run, and this system oscillator may be high speed or low
speed system oscillator. In the IDLE1 Mode the Watchdog Timer clock, fS, will be on. If the source is
fSYS/4, then the fS clock will be on, and if the source comes from fSUB then fS will be on.
Rev.1.10
33
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com