Electronic Components Datasheet Search
  English  ▼

X  

HT66F14 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT66F14
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F14 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT66F14 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 173 page
background image
EnteringtheIDLE1Mode
There is only one way for the device to enter the IDLE1 Mode and that is to execute the HALT
instruction in the application program with the IDLEN bit in SMOD register equal to
²1² and the
FSYSON bit in the WDTC register equal to
²1². When this instruction is executed under the conditions
described above, the following will occur:
· The system clock, Time Base clock and fSUB clock will be on and the application program will stop at
the
²HALT² instruction.
· The Data Memory contents and registers will maintain their present condition.
· The WDT will be cleared and resume counting if the WDT is enabled regardless of the WDT clock
source which originates from the fSUB clock or from the system clock.
· The I/O ports will maintain their present conditions.
· In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.
StandbyCurrentConsiderations
As the main reason for entering the SLEEP or IDLE Mode is to keep the current consumption of the
device to as low a value as possible, perhaps only in the order of several micro-amps except in the
IDLE1 Mode, there are other considerations which must also be taken into account by the circuit
designer if the power consumption is to be minimised. Special attention must be made to the I/O pins
on the device. All high-impedance input pins must be connected to either a fixed high or low level as
any floating input pins could create internal oscillations and result in increased current consumption.
This also applies to devices which have different package types, as there may be unbonbed pins. These
must either be setup as outputs or if setup as inputs must have pull-high resistors connected.
Care must also be taken with the loads, which are connected to I/O pins, which are setup as outputs.
These should be placed in a condition in which minimum current is drawn or connected only to
external circuits that do not draw current, such as other CMOS inputs. Also note that additional
standby current will also be required if the LIRC oscillator have been enabled.
In the IDLE1 Mode the system oscillator is on, if the system oscillator is from the high speed system
oscillator, the additional standby current will also be perhaps in the order of several hundred
micro-amps.
Wake-up
After the system enters the SLEEP or IDLE Mode, it can be woken up from one of various sources
listed as follows:
· An external reset
· An external falling edge on Port A
· A system interrupt
· A WDT overflow
If the system is woken up by an external reset, the device will experience a full system reset, how-
ever, if the device is woken up by a WDT overflow, a Watchdog Timer reset will be initiated. Al-
though both of these wake-up methods will initiate a reset operation, the actual source of the
wake-up can be determined by examining the TO and PDF flags. The PDF flag is cleared by a sys-
tem power-up or executing the clear Watchdog Timer instructions and is set when executing the
²HALT² instruction. The TO flag is set if a WDT time-out occurs, and causes a wake-up that only re-
sets the Program Counter and Stack Pointer, the other flags remain in their original status.
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU
Rev.1.10
40
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com