Electronic Components Datasheet Search
  English  ▼

X  

HT66FU50 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT66FU50
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU50 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT66FU50 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 53Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 54Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 55Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 56Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 259 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.50
53
March 15, 2011
Watchdog Timer
The Watchdog Timer is provided to prevent program
malfunctions or sequences from jumping to unknown lo-
cations, due to certain uncontrollable external events
such as electrical noise.
Watchdog Timer Clock Source
The Watchdog Timer clock source is provided by the in-
ternal clock, fS, which is in turn supplied by one of two
sources selected by configuration option: fSUB or fSYS/4.
The fSUB clock can be sourced from either the LXT or
LIRC oscillators, again chosen via a configuration op-
tion. The Watchdog Timer source clock is then subdi-
vided by a ratio of 2
8 to 215 to give longer timeouts, the
actual value being chosen using the WS2~WS0 bits in
the WDTC register. The LIRC internal oscillator has an
approximate period of 32kHz at a supply voltage of 5V.
However, it should be noted that this specified internal
clock period can vary with VDD, temperature and pro-
cess variations. The LXT oscillator is supplied by an ex-
ternal 32.768kHz crystal. The other Watchdog Timer
clock source option is the fSYS/4 clock. The Watchdog
Timer clock source can originate from its own internal
LIRC oscillator, the LXT oscillator or fSYS/4. It is divided
by a value of 2
8 to 215, using the WS2~WS0 bits in the
WDTC register to obtain the required Watchdog Timer
time-out period.
Watchdog Timer Control Register
A single register, WDTC, controls the required timeout
period as well as the enable/disable operation. This reg-
ister together with several configuration options control
the overall operation of the Watchdog Timer.
· WDTC Register
Bit
76543210
Name
FSYSON
WS2
WS1
WS0
WDTEN3
WDTEN2
WDTEN1
WDTEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
01111010
Bit 7
FSYSON: fSYS Control in IDLE Mode
0: Disable
1: Enable
Bit6~4
WS2, WS1, WS0 : WDT time-out period selection
000: 256/fS
001: 512/fS
010: 1024/fS
011: 2048/fS
100: 4096/fS
101: 8192/fS
110: 16384/fS
111: 32768/fS
These three bits determine the division ratio of the Watchdog Timer source clock, which in turn
determines the timeout period.
Bit3~0
WDTEN3, WDTEN2, WDTEN1, WDTEN0 : WDT Software Control
1010: Disable
Other: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com