Electronic Components Datasheet Search
  English  ▼

X  

HT66FU50 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT66FU50
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU50 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT66FU50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 259 page
background image
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
TP1A
TM1 I/O
TMPC0
PRM2
ST
CMOS
PA1 or PC7
TP1B_0~TP1B_2
TM1 I/O
TMPC0
PRM2
ST
CMOS
PC0, PC1, PC5 or
-, -, PE4
TP2_0, TP2_1
TM2 I/O
TMPC1
PRM2
ST
CMOS
PC3, PC4 or PD1, PD4
TP3_0, TP3_1
TM3 I/O
TMPC1
PRM2
ST
CMOS
PD3, PD0 or PE5, PE3
INT0~INT3
Ext. Interrupt 0~3
PRM1
ST
¾
PA3, PA4, PC4, PC5 or
PC4, PC5, PE2,
-,or
PE0, PE1,
-, - or
PE6, PE7,
-, -
PINT
Peripheral Interrupt
PRM0
ST
¾
PC3 or PC4
PCK
Peripheral Clock output
PRM0
¾
CMOS
PC2 or PC5
SDI
SPI Data input
PRM0
ST
¾
PA6 or PD2 or PB7
SDO
SPI Data output
PRM0
¾
CMOS
PA5 or PD3 or PB6 or
PD1
SCS
SPI Slave Select
PRM0
ST
CMOS
PB5 or PD0 or PD7
SCK
SPI Serial Clock
PRM0
ST
CMOS
PA7 or PD1 or PD6 or
PD3
SCL
I
2C Clock
PRM0
ST
NMOS
PA7 or PD1 or PD6 or
PD3
SDA
I
2C Data
PRM0
ST
NMOS
PA6 or PD2 or PB7
SCOM0~SCOM3
SCOM0~SCOM3
SCOMC
¾
SCOM
PC0, PC1, PC6, PC7
OSC1
HXT/ERC pin
CO
HXT
¾
PB1
OSC2
HXT pin
CO
¾
HXT
PB2
XT1
LXT pin
CO
LXT
¾
PB3
XT2
LXT pin
CO
¾
LXT
PB4
RES
Reset input
CO
ST
¾
PB0
VDD
Power supply *
¾
PWR
¾¾
AVDD
ADC power supply *
¾
PWR
¾¾
VSS
Ground **
¾
PWR
¾¾
AVSS
ADC ground **
¾
PWR
¾¾
Note:
I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output; NMOS: NMOS output
SCOM: Software controlled LCD COM; AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
*: VDD is the device power supply while AVDD is the ADC power supply. The AVDD pin is bonded together
internally with VDD.
**: VSS is the device ground pin while AVSS is the ADC ground pin. The AVSS pin is bonded together
internally with VSS.
As the Pin Description Summary table applies to the package type with the most pins, not all of the above listed
pins may be present on package types with smaller numbers of pins.
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.50
21
March 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com