Electronic Components Datasheet Search
  English  ▼

X  

HT7612 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT7612
Description  General Purpose PIR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7612 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT7612 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 20Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
· MO-095a (see fig2)
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.745
¾
0.785
B
0.275
¾
0.295
C
0.120
¾
0.150
D
0.110
¾
0.150
E
0.014
¾
0.022
F
0.045
¾
0.060
G
¾
0.100
¾
H
0.300
¾
0.325
I
¾¾
0.430
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
18.92
¾
19.94
B
6.99
¾
7.49
C
3.05
¾
3.81
D
2.79
¾
3.81
E
0.36
¾
0.56
F
1.14
¾
1.52
G
¾
2.54
¾
H
7.62
¾
8.26
I
¾¾
10.92
HT7612/HT7612B
Rev. 1.50
16
February 21, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com