Electronic Components Datasheet Search
  English  ▼

X  

HT7612 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7612
Description  General Purpose PIR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7612 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7612 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Zero Crossing Current ................................Max. 300
mA
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.7
4.0
5.5
V
VREF
Reference Voltage - see Note
5V
Cf=1
mF
3.201
3.300
3.399
V
IREF
Driving Current
5V
¾
200
¾¾
mA
ISTB
Standby Current
5V
HT7612: DT off, OPAMP off,
VREF no load
¾
17
23
mA
HT7612B: DT off, OPAMP on,
VREF no load
¾
19
25
mA
IOH1
TRIAC Source Current
5V
VOH=4.5V
-20
-40
¾
mA
IOL1
TRIAC Sink Current
5V
VOL=0.5V
20
40
¾
mA
IOH2
BUZ & BUZ Source Current
5V
VOH=4.5V
-5
-10
¾
mA
IOL2
BUZ & BUZ Sink Current
5V
VOL=0.5V
10
20
¾
mA
IOH3
RELAY/LED Source Current
5V
VOH=4.5V
-5
-10
¾
mA
IOL3
RELAY/LED Sink Current
5V
VOL=0.5V
10
20
¾
mA
VIH
MODE High Input Voltage
¾¾
0.7VDD
¾¾
V
VIL
MODE Low Input Voltage
¾¾
¾
¾
0.3VDD
V
VTH1
ZC High Transfer Voltage
¾¾
0.7VDD
¾¾
V
VTL1
ZC Low Transfer Voltage
¾¾
¾
¾
0.3VDD
V
VOS
OP Amp Input Offset Voltage
5V
CL=10pF
¾
10
¾
mV
VLVD
Low Voltage Detector Voltage
¾¾
0.99
1.10
1.21
V
fSYS
System Oscillator Frequency - IRC
5V
¾
28.8
32.0
35.2
kHz
fDT
Delay Time Frequency - ERC
¾
VREF,RDT=30k
W,
CDT=3000pF
15.2
16.0
16.8
kHz
AVO
OP Amp Open Loop Gain
5V
RL=510k
W to VSS
60
80
¾
dB
GBW
OP Amp Gain Band Bandwidth
5V
RL=510k
W,CL=100pF
2.5
5.0
¾
kHz
VH
High Level Comparator Window
5V
1/2VREF +1/6VREF
1.98
2.20
2.42
V
VL
Low Level Comparator Window
5V
1/2VREF
- 1/6VREF
0.99
1.10
1.21
V
Note:
When VDD is less than 3.4V, then the VREF voltage will be equal to VDD. If the VREF voltage is less than the PIR
working voltage, then the PIR sensor will not work normally.
HT7612/HT7612B
Rev. 1.50
3
February 21, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com