Electronic Components Datasheet Search
  English  ▼

X  

D5024 Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # D5024
Description  CASE-RATED BIPOLAR TRANSISTOR 3DD5308DHF FOR LOW FREQUENCY AMPLIFICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

D5024 Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  D5024 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5024 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5024 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5024 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5024 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R
3DD5024(P)
版本:201011A
3/5
VCE=5V
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN
TEMPERATURE
Tc=25℃
DC
0.1
1
10
100
0.01
0.1
1
10
0.1
1
10
100
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
特征曲线
ELECTRICAL CHARACTERISTICS CURVES
Tc=25℃
PC(W)
HFE – IC
VCE(sat)- IC
VBE(sat)- IC
SOA
PC-TC
INFINITE HEAT SINK
Tc=100℃
Tc=100℃
Tc=100℃
Tc=25℃
Tc=25℃
Ic / Ib=5
Ic / Ib=5
Ic(A)
hFE
Vces
Ic(A)
Ic(A)
Vbes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com