Electronic Components Datasheet Search
  English  ▼

X  

D5024 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # D5024
Description  CASE-RATED BIPOLAR TRANSISTOR 3DD5308DHF FOR LOW FREQUENCY AMPLIFICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

D5024 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  D5024 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5024 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5024 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5024 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5024 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:201011A
1/5
低频放大管壳额定的双极型晶体管
CASE-RATED BIPOLAR TRANSISTOR 3DD5308DHF FOR LOW FREQUENCY AMPLIFICATION
3DD5024(P)
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
器件重量
Device
Weight
3DD5024(P)-O-HF-N-B
D5024
含卤素
TO-220HF
条管 Tube
--
主要参数
MAIN CHARACTERISTICS
BVCBO
1500V
IC
8.0 A
VCE(sat)
3.0V(max)
tf
1.0 μs(max)
封装 Package
等效电路 EQUIVALENT CIRCUIT
RBE=50Ω(Typ.)
用途
 彩色电视机行输出电
路
产品特性
 3DD5324(P) 是NPN 双极
型高反压大功率晶体管,制
造中采用的主要工艺技术
有:高压平面工艺技术、三
重扩散技术等,采用塑料全
包封结构。环保(RoHS)
产品。
FEATURES
 3DD5324(P)
is high breakdown
voltage of NPN bipolar
transistor.The main process of
manufacture:high voltage planar
process,triple diffused process
etc.,adoption of fully plastic
packge.RoHS product.
TO-220HF
订货信息 ORDER MESSAGE
印记说明
MARKING
1
2
3
商标 Trademark
型号 Part No.
年月 Year month
举例 For example
“1”-2011,“10”10 月 october
APPLICATIONS
Horizontal deflection output
for color TV.


Similar Part No. - D5024

ManufacturerPart #DatasheetDescription
logo
C&K Components
D502 CK-COMPONENTS-D502 Datasheet
482Kb / 5P
Miniature Snap-in Power Rocker Switches
15 May 20
logo
Highly Electric Co., Lt...
D5020 HIGHLY-D5020 Datasheet
1Mb / 4P
D COMPACT ENCLOSED SWITCH
logo
JILIN SINO-MICROELECTRO...
D5023 JSMC-D5023 Datasheet
148Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5023 FOR LOW FREQUENCY
D5027 JSMC-D5027 Datasheet
460Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Seme LAB
D5028UK SEME-LAB-D5028UK Datasheet
83Kb / 5P
METAL GATE RF SILICON FET
More results

Similar Description - D5024

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD1555A JSMC-3DD1555A Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD1555A FOR LOW FREQUENCY
3DD2109 JSMC-3DD2109 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2109 FOR LOW FREQUENCY
3DD5031 JSMC-3DD5031 Datasheet
190Kb / 7P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5031 FOR LOW FREQUENCY
3DD5036 JSMC-3DD5036 Datasheet
151Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5036 FOR LOW FREQUENCY
3DD5039 JSMC-3DD5039 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5039 FOR LOW FREQUENCY
3DD5287 JSMC-3DD5287 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287 FOR LOW FREQUENCY
3DD5287C JSMC-3DD5287C Datasheet
149Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287C FOR LOW FREQUENCY
3DD5310A JSMC-3DD5310A Datasheet
243Kb / 5P
CASE-RATED BIPOLAR TRANSISTOR 3DD5310 FOR LOW FREQUENCY AMPLIFICATION
3DD5310HF JSMC-3DD5310HF Datasheet
246Kb / 5P
CASE-RATED BIPOLAR TRANSISTOR 3DD5310 FOR LOW FREQUENCY AMPLIFICATION
3DD5606 JSMC-3DD5606 Datasheet
173Kb / 3P
CASE-RATED BIPOLAR TRANSISTOR 3DD5606 FOR LOW FREQUENCY AMPLIFICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com