Electronic Components Datasheet Search
  English  ▼

X  

5F40HF Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 5F40HF
Description  FAST RECOVER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

5F40HF Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  5F40HF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 5F40HF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 5F40HF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 5F40HF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 5F40HF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R
5F40HF
版本:
201004A
4/5
外形尺寸 PACKAGE MECHANICAL DATA
TO-220HF2L
单位 Unit :mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com