Electronic Components Datasheet Search
  English  ▼

X  

5F40HF Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 5F40HF
Description  FAST RECOVER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

5F40HF Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  5F40HF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 5F40HF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 5F40HF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 5F40HF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 5F40HF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:
201004A
1/5
快恢复二极管
FAST RECOVER DIODE
5F40HF
订 货 型 号
Order codes
印
记
Marking
封
装
Package
包
装
Packaging
器件重量
Device Weight
5F40HF
5F40HF
TO-220HF2L
条管
Tube
2.15 g(typ)
封装 Package
用途
开关电源
PDP
通用电路
APPLICATIONS
Switch power supply
PDP
General circuits
产品特性
低功耗,高效率
高可靠性
环保(
RoHS)产品
FEATURES
Low power loss, high efficiency
High reliability
RoHS product
TO-22OHF2L
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
5A
VRRM
400 V
Tj(max)
175℃
VF(typ)
1.35 V
trr(typ)
22ns


Similar Part No. - 5F40HF

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
5F40360M MULTICOMP-5F40360M Datasheet
114Kb / 3P
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE FOR REFERENCE PURPOSES ONLY.
11/04/08
5F40360M-10NR-XX MULTICOMP-5F40360M-10NR-XX Datasheet
114Kb / 3P
IDC Centronic Socket - 36 Way
25/04/08 REV A
5F40360M-10NR-XX MULTICOMP-5F40360M-10NR-XX Datasheet
114Kb / 3P
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE FOR REFERENCE PURPOSES ONLY.
11/04/08
More results

Similar Description - 5F40HF

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
5F60D JSMC-5F60D Datasheet
237Kb / 5P
FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
60F60W JSMC-60F60W Datasheet
254Kb / 6P
FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com