Electronic Components Datasheet Search
  English  ▼

X  

AP9050 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP9050
Description  PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9050 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP9050 Datasheet HTML 1Page - Diodes Incorporated AP9050 Datasheet HTML 2Page - Diodes Incorporated AP9050 Datasheet HTML 3Page - Diodes Incorporated AP9050 Datasheet HTML 4Page - Diodes Incorporated AP9050 Datasheet HTML 5Page - Diodes Incorporated AP9050 Datasheet HTML 6Page - Diodes Incorporated AP9050 Datasheet HTML 7Page - Diodes Incorporated AP9050 Datasheet HTML 8Page - Diodes Incorporated AP9050 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP9050
PROTECTION INTERFACE for PMICs with
INTEGRATED OVP CONTROL
AP9050
Document number: DS35283 Rev. 1 - 2
1 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Description
AP9050 is designed to protect the latest generation of PMICs
for portable applications such as UMPCs, smartphones and
others utilizing battery power.
The integrated LDO allows the PMIC to power up and
determine whether the connected power supply (USB or
AC-DC wall adapter) is valid and a safe operation can be
performed.
The PMIC controls the operation of the integrated n-channel
MOSFET to either pass the line voltage or disconnect the line
from the PMIC to protect its internal circuits in the event of an
over-voltage.
The AP9050 is available in a low-profile U-DFN2020-6
package.
Pin Assignments
(Top View)
1
3
2
6
4
5
7
8
U-DFN2020-6
Features
•
Input Supply Range from 3V to 30V
•
Lower Power Dissipation and Higher Efficiency as
compared to a Zener Shunt Regulator
•
LDO is stable without a bypass capacitor on the output
and operates across the temperature range
•
Available in a U-DFN2020-6 package with a typical
height of 0.575mm
Applications
•
Power Interface for New Generation PMICs
•
Charger Front End Protection
•
Smartphone
•
Cell Phone
•
Ultra Mobile PC
•
Tablets
Note:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
Figure 1. Typical Application Circuit


Similar Part No. - AP9050

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9060 DIODES-AP9060 Datasheet
305Kb / 9P
OVERVOLTAGE CLAMP
Rev erse
AP9060FM8-7 DIODES-AP9060FM8-7 Datasheet
305Kb / 9P
OVERVOLTAGE CLAMP
Rev erse
logo
A POWER MICROELECTRONIC...
AP90H06NF APME-AP90H06NF Datasheet
799Kb / 7P
60V NN-Channel Enhancement Mode MOSFET
REV1.0
AP90N02BD APME-AP90N02BD Datasheet
748Kb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
AP90N02BNF APME-AP90N02BNF Datasheet
910Kb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP9050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4770CZ16 PHILIPS-IP4770CZ16 Datasheet
66Kb / 11P
VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
logo
ON Semiconductor
NIS1050 ONSEMI-NIS1050 Datasheet
119Kb / 5P
Protection Interface Circuit for PMICs with Integrated OVP Control
July, 2009 ??Rev. 0
logo
NXP Semiconductors
IP4770CZ16 NXP-IP4770CZ16 Datasheet
73Kb / 11P
VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
logo
Clare, Inc.
CPC7556 CLARE-CPC7556 Datasheet
501Kb / 6P
Diode Bridge with Integrated Adjustable OVP Circuit
logo
SHANGHAI BELLING CO., L...
BL8596 BELLING-BL8596 Datasheet
578Kb / 4P
LDO mode OVP with Integrated P-MOSFET
logo
Nexperia B.V. All right...
IP4769CZ14 NEXPERIA-IP4769CZ14 Datasheet
233Kb / 12P
VGA interface ESD protection with integrated termination resistors
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
logo
Kinetic Technologies.
KTS1640 KINETIC-KTS1640 Datasheet
722Kb / 14P
Load Switch with OVP and Reverse Polarity Protection
August 2022 - Revision 04f
KTS1640Q KINETIC-KTS1640Q Datasheet
211Kb / 2P
Automotive Load Switch with OVP and RB Protection
December 2018 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com