Electronic Components Datasheet Search
  English  ▼

X  

AP9050 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP9050
Description  PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9050 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP9050 Datasheet HTML 1Page - Diodes Incorporated AP9050 Datasheet HTML 2Page - Diodes Incorporated AP9050 Datasheet HTML 3Page - Diodes Incorporated AP9050 Datasheet HTML 4Page - Diodes Incorporated AP9050 Datasheet HTML 5Page - Diodes Incorporated AP9050 Datasheet HTML 6Page - Diodes Incorporated AP9050 Datasheet HTML 7Page - Diodes Incorporated AP9050 Datasheet HTML 8Page - Diodes Incorporated AP9050 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP9050
PROTECTION INTERFACE for PMICs with
INTEGRATED OVP CONTROL
AP9050
Document number: DS35283 Rev. 1 - 2
4 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Electrical Characteristics (VIN (OVP_SENSE) = 5.0V, TJ = +25°C, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
Power FET
IDSS
Zero Gate Voltage Drain Current
VDS = 24V, VGS = 0V
TJ = 85°C
1.0
10
µA
IGSS
Gate-to-Source Leakage Current
VDS = 0V, VGS = ±8V
80
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250µA
0.62
0.9
1.2
V
RDS(on)
Drain-to-Source On-Resistance
(Note 7)
VGS = 4.5V, ID = 2.0A
VGS = 2.5V, ID = 2.0A
41
55
53
68
m
Ω
gFS
Forward Transconductance
VDS = 5V, ID = 2.0A
8
S
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
500
pF
COSS
Output Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
65
pF
CRSS
Reverse Transfer Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
50
pF
LDO (unless otherwise noted, TJ = 25ºC, VIN = 5.0V)
VOUT
Regulated Output Voltage
VIN = 5.5V, IOUT = 1mA
4.6
5.0
5.3
V
Vhead
Headroom
VIN − VOUT, IOUT = 1.2mA,
VIN = 4.6V
150
mV
VIN − VOUT, IOUT = 10mA,
VIN = 4.8V, TJ = −40 to +125°C
1000
mV
Response to Input Transient
tpulse
Time signal is above 5.5V
VIN 0 to 30V, < 1µs rise time,
5.0k
Ω resistive load (Note 8)
5.0
µs
Vpk
Peak Voltage
VIN 0 to 30V, < 1µs rise time,
5.0k
Ω resistive load (Note 8)
9.0
V
Total Device
Ibias
Input Bias Current
VIN = 5.5V
110
850
µA
VIN_min
Minimum Operating Voltage
3.0
V
Notes:
7. Pulse test width 300µs, duty cycle 2%
8. Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com