Electronic Components Datasheet Search
  English  ▼

X  

ECH8501 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ECH8501
Description  PNP/NPN Epitaxial Planar Silicon Transistors Gate Drive Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8501 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ECH8501 Datasheet HTML 1Page - Sanyo Semicon Device ECH8501 Datasheet HTML 2Page - Sanyo Semicon Device ECH8501 Datasheet HTML 3Page - Sanyo Semicon Device ECH8501 Datasheet HTML 4Page - Sanyo Semicon Device ECH8501 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ECH8501
No. A1581-1/5
Features
•
Composite type, facilitating high-density mounting
•
Mounting height 0.9mm
•
Low collector-to-emitter saturation voltage
NPN : VCE(sat)=0.075V(typ.)@IC=2.5A
PNP : VCE(sat)= --0.1V(typ.)@IC= --2.5A
•
Halogen free compliance
Specifications ( ): PNP
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--30)40
V
Collector-to-Emitter Voltage
VCEO
(--)30
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)5
A
Collector Current (Pulse)
ICP
PW≤1μs, duty cycle≤1%
(--)30
A
Base Current
IB
(--)600
mA
Collector Dissipation
PC
When mounted on ceramic substrate (900mm2×0.8mm) 1unit
1.3
W
Total Dissipation
PT
When mounted on ceramic substrate (900mm2×0.8mm)
1.6
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7011A-007
Ordering number : ENA1581
72110EA TK IM TC-00002441
SANYO Semiconductors
DATA SHEET
ECH8501 PNP/NPNEpitaxialPlanarSiliconTransistors
Gate Drive Applications
http://semicon.sanyo.com/en/network
1 : Emitter(NPN TR)
2 : Base(NPN TR)
3 : Emitter(PNP TR)
4 : Base(PNP TR)
5 : Collector(PNP TR)
6 : Collector(PNP TR)
7 : Collector(NPN TR)
8 : Collector(NPN TR)
SANYO : ECH8
1
4
85
0.15
0 t o 0.02
0.65
2.9
0.3
To p View
Bo tto m View
Product & Package Information
• Package
: ECH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
MA
LOT No.
876
5
123
4
TL


Similar Part No. - ECH8501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECH8501 ONSEMI-ECH8501 Datasheet
402Kb / 8P
Bipolar Transistor (-)30V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
Bipolar Transistor (-)30V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
More results

Similar Description - ECH8501

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Sanyo Semicon Device
ECH8502 SANYO-ECH8502 Datasheet
446Kb / 5P
PNP/NPN Epitaxial Planar Silicon Transistors Gate Drive Applications
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MMBT5451DW SEMTECH_ELEC-MMBT5451DW Datasheet
410Kb / 6P
NPN/PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com