Electronic Components Datasheet Search
  English  ▼

X  

ECH8501 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8501
Description  PNP/NPN Epitaxial Planar Silicon Transistors Gate Drive Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8501 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8501 Datasheet HTML 1Page - Sanyo Semicon Device ECH8501 Datasheet HTML 2Page - Sanyo Semicon Device ECH8501 Datasheet HTML 3Page - Sanyo Semicon Device ECH8501 Datasheet HTML 4Page - Sanyo Semicon Device ECH8501 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ECH8501
No. A1581-3/5
IT15622
100
--0.01
2
3
5 7 --0.1
2
3
5 7
2
3
5 7
--1.0
--10
0.01
2
3
5 7 0.1
2
3
5 7
2
3
5 7
1.0
10
0.01
2
3
5 7 0.1
2
3
5 7
2
3
5 7
1.0
10
2
3
5
1000
7
5
7
100
--0.01
2
3
5 7 --0.1
2
3
5 7
2
3
5 7
--1.0
--10
2
3
5
1000
7
7
100
2
3
5
1000
7
100
2
3
5
1000
7
7
VCE= --0.5V
Ta=75°C
25°C
--25°C
[PNP]
IT15624
VCE= --2V
Ta=75°C
25°C
--25°C
[PNP]
IT15623
Ta=75°C
--25°C
25°C
Ta=75°C
--25°C
25°C
VCE=0.5V
[NPN]
IT15625
VCE=2V
[NPN]
IT15620
VCE= --2V
[PNP]
0
2
5
4
3
1
0
0.2
0.4
0.6
0.8
1.2
1.0
IT15621
0
--2
--5
--4
--3
--1
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
VCE=2V
[NPN]
IT15678
--0.01
23
5 7 --0.1
23
5 7
23
5 7
--1.0
--10
--100
2
3
2
3
5
7
3
5
7
--10
0.01
23
5 7 0.1
23
5 7
23
5 7
1.0
10
100
2
3
2
3
5
7
3
5
7
10
Ta=75
°C
--25
°C
25°
C
IC / IB=20
Ta=75
°C
--25
°C
25°
C
[PNP]
IT15679
IC / IB=20
[NPN]
hFE -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
VCE(sat) -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com