Electronic Components Datasheet Search
  English  ▼

X  

ATP113 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ATP113
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP113 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ATP113 Datasheet HTML 1Page - Sanyo Semicon Device ATP113 Datasheet HTML 2Page - Sanyo Semicon Device ATP113 Datasheet HTML 3Page - Sanyo Semicon Device ATP113 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ATP113
No. A1755-1/4
Features
•
ON-resistance RDS(on)1=22.5mΩ(typ.)
•
Input Capacitance Ciss=2400pF(typ.)
•
4V drive
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--35
A
Drain Current (PW≤10μs)
IDP
PW≤10μs, duty cycle≤1%
--105
A
Allowable Power Dissipation
PD
Tc=25°C50
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
95
mJ
Avalanche Current *2
IAV
--18
A
Note :
*1 VDD=--10V, L=500μH, IAV=--18A
*2 L≤500μH, Single pulse
Package Dimensions
unit : mm (typ)
7057-001
Ordering number : ENA1755
72110PA TK IM TC-00002330
SANYO Semiconductors
DATA SHEET
ATP113
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: ATPAK
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : ATPAK
0.4
0.55
13
2
6.5
0.6
4
0.8
1.5
0.4
2.6
4.6
0.4
2.3
2.3
ATP113
LOT No.
TL
1
3
2,4


Similar Part No. - ATP113

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ATP113 ONSEMI-ATP113 Datasheet
374Kb / 7P
P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP113-TL-H SANYO-ATP113-TL-H Datasheet
481Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP113-TL-H ONSEMI-ATP113-TL-H Datasheet
374Kb / 7P
P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP113 SANYO-ATP113_12 Datasheet
481Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - ATP113

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6331 SANYO-MCH6331 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6337 SANYO-MCH6337 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com