Electronic Components Datasheet Search
  English  ▼

X  

ATP113 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ATP113
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP113 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ATP113 Datasheet HTML 1Page - Sanyo Semicon Device ATP113 Datasheet HTML 2Page - Sanyo Semicon Device ATP113 Datasheet HTML 3Page - Sanyo Semicon Device ATP113 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ATP113
No. A1755-3/4
IT15610
IT15609
010
20
60
50
40
30
0
--2
--4
--6
--1
--3
--5
--8
--7
--9
--10
--0.1
--1.0
2
3
5
7
2
3
5
7
2
3
2
3
5
7
--10
--0.1
IDP= --105A (PW≤10μs)
ID= --35A
100
μs
1ms
10ms
100ms
DC
operation
Operation in
this area is
limited by RDS(on).
Tc=25
°C
Single pulse
--1.0
23
5 7
23
5 7
23
5 7
--10
--100
10
μs
--100
VDS= --30V
ID= --35A
IT15604
0
--60
--50
--40
--10
--30
--20
1000
100
IT15608
IT15606
--1.3
--1.2
--1.0
--0.6
--0.2
--0.4
--0.8
--1.1
--0.9
--0.5
--0.3
--0.7
--0.001
--0.01
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
--0.1
--1.0
--10
--100
--0.1
--1.0
--10
57
23
5 7
23
--10
57
23
5
7
7
3
2
5
7
3
2
VGS=0V
Single pulse
Ciss
Crss
IT15607
10
100
2
3
5
7
1000
2
3
5
7
7
td(off)
VDD= --30V
VGS= --10V
tr
IT15603
--2
--16
--4
--6
--8
--10
--12
--14
--1
--15
--3
--5
--7
--9
--11
--13
10
20
30
70
60
50
40
20
30
70
60
50
40
tf
Coss
td(on)
Tc=25
°C
Single pulse
ID= --18A
--5A
--9A
IT15605
--0.1
--1.0
7
10
1.0
5
7
3
2
5
7
3
2
--10
23
5 7
23
5 7
23
5 7
Tc=
--25
°C
25
°C
75
°C
VDS= --10V
Single pulse
f=1MHz
--50
--25
150
0
25
50
75
100
125
Single pulse
0
10
V GS
= --4.5V
, I D
= --9A
V GS
= --4.0V
, I D
= --5A
VGS
= --10.0V
, ID
= --18A
VGS -- Qg
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
| yfs | -- I
D
RDS(on) -- VGS
RDS(on) -- Tc
SW Time -- ID
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
IS -- VSD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com