Electronic Components Datasheet Search
  English  ▼

X  

LC86P6449 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC86P6449
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P6449 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC86P6449 Datasheet HTML 1Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 2Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 3Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 4Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 5Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 6Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 7Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 8Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LC86P6449
No.6689-2/22
(4) Operating supply voltage
: 4.5V to 6.0V
(5) Instruction cycle time
: 1.0
µs to 366µs
(6) Operating temperature
: -30
°C to +70°C
(7) The pin and the package compatible with the LC866400 series mask ROM devices
(8) Applicable mask ROM version
: LC866448/LC866444/LC866440/LC866436//LC866432/LC866428
/LC866424/LC866420/LC866416/LC866412/LC866408
Notice for use
LC86P6449 is provided for the first release and small shipping of the LC866400 series.
At using, take notice of the followings.
(1) A point of difference LC86P6449 and LC866400 series
Item
LC86P6449
LC866448/44/40/36/32/28/24/20/16/12/08
Operation after reset
releasing
The option is specified until 3ms after
going to a ‘H’ level to the reset terminal by
dgrees.
The program is executed from
00H of the program counter.
The program is executed from 00H of the
program counter immediately after going to a
‘H’ level to reset terminal.
Pull-down resistor of
the following pins
•S0/T0 – S6/T6
•S7/T7 – S15/T15
•S16 – S27
•S28 – S37
Pull-down resistor
provided/not provided
Not provided
Provided (fixed)
Provided (fixed)
Not provided
Pull-down resistor
provided/not provided
Specified by the option
Provided (fixed)
Specified by the option
Specified by the option
Operating supply
Voltage range (VDD)
4.5V to 6.0V
2.5V to 6.0V
“L” level hold Tr. of the
high voltage withstand input
terminal
Power dissipation
Refer to ‘electrical characteristics’ on the semiconductor news.
LC86P6449 uses 256 bytes that is addressed on FF00H to FFFFH in the program memory as the option configuration
data area.
This option configuration cannot execute all options which LC866400 series have.
Next tables show the
options that correspond and not correspond to LC86P6449.
• A kind of the option corresponding of the LC86P6449
A kind of option
Pins, Circuits
Contents of the option
1. N-channel open drain output
2. CMOS output
*1
Port 0
1. Pull-up MOS Tr. proveded
2. Pull-up MOS Tr. not provided
*2
Port 1
*1
1. Input
: Programmable pull-up MOS Tr.
Output : N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
Output : CMOS
Input/output form of
Input/output ports
Port 3
*1
1. Input
: No Programmable pull-up MOS Tr.
Output : N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
Output : CMOS
Pull-up MOS Tr. of input ports
Port 7
*1
1. No Pull-up MOS Tr.
2. Pull-up MOS Tr.
*1) Specified in a bit
*2) Specified in nibble unit.
The port of N-channel open drain output does not have the Pull-up MOS Tr..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com