Electronic Components Datasheet Search
  English  ▼

X  

LC86P6449 Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC86P6449
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P6449 Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC86P6449 Datasheet HTML 14Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 15Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 16Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 17Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 18Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 19Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 20Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 21Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 22Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LC86P6449
No.6689-21/22
Notice for use
• The construction of the one-time programmable microcomputer with a blank built-in PROM makes it impossible for Sanyo to
completely factory-test it before shipping.
To probe reliability of the programmed devices, the screening procedure shown
in the following figure should always be followed.
• It is not possible to perform a writing test on the blank PROM. 100% yield, therefore, cannot be guaranteed.
• Keeping the dry packing
The environment must be held at a temperature of 30°C or less and a humidity level of 70% or less.
• After opening the packing
The preparation procedures shown in the following figure should always be followed prior to mounting the packages on the
substrate.
After opening the packing, a controlled environment must be maintained until soldering.
The environment
must be held at a temperature of 30°C or less and a humidity level of 70% or less.
Please solder within 96 hours.
Unused devices should be kept in the dry atmosphere such as inside of desiccator or dry these up before assembling on the
board.
a. Shipping with a blank PROM
b. Shipping with a programmed PROM
(Programming the data by yourself)
(Programming the data by Sanyo)
Recommended process of screening
DIP
Writing data for program/Verifying
Heat-soak
150±5°C,
24
Hr
+1
-0
Reading ascertation of program
VDD=5±0.5V
Mounting
QFP
Mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com