Electronic Components Datasheet Search
  English  ▼

X  

MTD6502B Datasheet(PDF) 1 Page - Microchip Technology

Part # MTD6502B
Description  5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6502B Datasheet(HTML) 1 Page - Microchip Technology

  MTD6502B Datasheet HTML 1Page - Microchip Technology MTD6502B Datasheet HTML 2Page - Microchip Technology MTD6502B Datasheet HTML 3Page - Microchip Technology MTD6502B Datasheet HTML 4Page - Microchip Technology MTD6502B Datasheet HTML 5Page - Microchip Technology MTD6502B Datasheet HTML 6Page - Microchip Technology MTD6502B Datasheet HTML 7Page - Microchip Technology MTD6502B Datasheet HTML 8Page - Microchip Technology MTD6502B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2011 Microchip Technology Inc.
DS25003A-page 1
Features:
• Position Sensorless BLDC Drivers
(No Hall Sensor Required)
• 180° Sinusoidal Drive, for High Efficiency and Low
Acoustic Noise
• Support 2V to 5.5V Power Supplies
• Direction Control:
- Forward direction: connect DIR pin to GND or
leave floating
- Reverse direction: connect DIR pin to VDD
• Speed Control through Power Supply Modulation
(PSM) and/or Pulse-Width Modulation (PWM)
• Built-in Frequency Generator (FG Output Signal)
• Built-in Lock-up Protection and Automatic
Recovery Circuit (External Capacitor not
Necessary)
• Built-in Over Current Limitation
• Built-in Thermal Shutdown Protection
• No External Tuning Required
• Available Packages:
- 3 mm x 3 mm TDFN-10
Applications:
• Notebook CPU Cooling Fans
• 5V 3-Phase Brushless DC Motors
Description:
The MTD6502B device is a 3-phase full-wave driver for
brushless sensorless DC motors. It features 180°
sinusoidal drive, high torque output and silent drive.
With adaptive features, parameters and a wide range
of power-supplies (2V to 5.5V), the MTD6502B device
is intended to cover a wide range of motor
characteristics, while requiring minimum external com-
ponents. Speed control can be achieved through either
power supply modulation or pulse-width modulation
(using the PWM digital input pin).
With the compact packaging and minimum bill-of-
material (integrated power transistors, no Hall sensor,
no external tuning), the MTD6502B is best suited for
low-cost fan applications requiring high efficiency and
low acoustic noise, such as notebook CPU cooling
fans. Frequency generator (FG) output enables the
precision speed control in closed-loop applications.
The MTD6502B driver includes a lock-up protection
mode, which turns off the output current when the
motor is under lock condition, and an automatic recov-
ery that enables the fan to run when the lock condition
is removed. The motor overcurrent limitation and ther-
mal-shutdown protection are included for safety-
enhanced operations.
The MTD6502B is available in a compact thermally-
enhanced 3 mm x 3 mm TDFN package.
Package Types
MTD6502B
3x3 TDFN*
VDD
GND
OUT1
DIR
VCC
1
2
3
4
9
8
7
6
PWM
FG
* Includes Exposed Thermal Pad (EP); see Table 2-1.
EP
11
5
10
OUT2
OUT3
GND
5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
MTD6502B


Similar Part No. - MTD6502B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
1Mb / 2P
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
More results

Similar Description - MTD6502B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
ADM00308 MICROCHIP-ADM00308 Datasheet
1Mb / 2P
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
logo
Texas Instruments
DRV10964 TI1-DRV10964 Datasheet
2Mb / 27P
Three-Phase Sinusoidal Sensorless BLDC Motor Driver
logo
Microchip Technology
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
logo
Eutech Microelectronics...
EUM6811 EUTECH-EUM6811 Datasheet
304Kb / 1P
3-Phase Sensorless BLDC Fan Motor Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
3-Phase Sensorless BLDC Motor Driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
Three Phase Sensorless Sinusoidal Fan Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com