Electronic Components Datasheet Search
  English  ▼

X  

MTD6502B Datasheet(PDF) 17 Page - Microchip Technology

Part # MTD6502B
Description  5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6502B Datasheet(HTML) 17 Page - Microchip Technology

Back Button MTD6502B Datasheet HTML 12Page - Microchip Technology MTD6502B Datasheet HTML 13Page - Microchip Technology MTD6502B Datasheet HTML 14Page - Microchip Technology MTD6502B Datasheet HTML 15Page - Microchip Technology MTD6502B Datasheet HTML 16Page - Microchip Technology MTD6502B Datasheet HTML 17Page - Microchip Technology MTD6502B Datasheet HTML 18Page - Microchip Technology MTD6502B Datasheet HTML 19Page - Microchip Technology MTD6502B Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2011 Microchip Technology Inc.
DS25003A-page 17
MTD6502B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
XX
-XX
Km Range
Package
Tape&Reel
Device
Device:
MTD6502B-L:
3-Phase BLDC Sinusoidal Sensorless Fan
Motor Driver (Tape and Reel)
Package:
C1
=
Plastic Dual Flat, No Lead Package, 3x3x0.9 mm
Body (TDFN)
Km Range Value:
See Table 3-2 for details.
Examples:
a)
MTD6502B-LC1-00
Tape and Reel,
10LD TDFN Pkg,
Km Range Value = 0
b)
MTD6502B-LC1-01
Tape and Reel,
10LD TDFN Pkg,
Km Range Value = 1
c)
MTD6502B-LC1-02
Tape and Reel,
10LD TDFN Pkg,
Km Range Value = 2
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com