Electronic Components Datasheet Search
  English  ▼

X  

LTM4600IV Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4600IV
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600IV Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4600IV Datasheet HTML 7Page - Linear Technology LTM4600IV Datasheet HTML 8Page - Linear Technology LTM4600IV Datasheet HTML 9Page - Linear Technology LTM4600IV Datasheet HTML 10Page - Linear Technology LTM4600IV Datasheet HTML 11Page - Linear Technology LTM4600IV Datasheet HTML 12Page - Linear Technology LTM4600IV Datasheet HTML 13Page - Linear Technology LTM4600IV Datasheet HTML 14Page - Linear Technology LTM4600IV Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4600
11
4600fc
Table 2. Output Voltage Response Versus Component Matrix (Refer to Figure 18)
TYPICAL MEASURED VALUES
COUT1 VENDORS
PART NUMBER
COUT2 VENDORS
PART NUMBER
TDK
C4532X5R0J107MZ (100μF,6.3V)
SANYO POSCAP
6TPE330MIL (330μF, 6.3V)
TAIYO YUDEN
JMK432BJ107MU-T ( 100μF, 6.3V)
SANYO POSCAP
2R5TPE470M9 (470μF, 2.5V)
TAIYO YUDEN
JMK316BJ226ML-T501 ( 22μF, 6.3V)
SANYO POSCAP
4TPE470MCL (470μF, 4V)
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)
COUT1
(CERAMIC)
COUT2
(BULK)
CCOMP
C3
VIN
(V)
DROOP
(mV)
PEAK TO PEAK
(mV)
RECOVERY TIME
(μs)
LOAD STEP
(A/μs)
1.2
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
5
35
68
25
5
1.2
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
5
35
70
20
5
1.2
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
5
40
80
20
5
1.2
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
5
49
98
20
5
1.2
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
12
35
68
25
5
1.2
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
12
35
70
20
5
1.2
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
12
40
80
20
5
1.2
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
12
49
98
20
5
1.5
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
5
36
75
25
5
1.5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
5
37
79
20
5
1.5
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
5
44
84
20
5
1.5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
5
61
118
20
5
1.5
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
12
36
75
25
5
1.5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
12
37
79
20
5
1.5
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
12
44
89
20
5
1.5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
12
54
108
20
5
1.8
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
5
40
81
30
5
1.8
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
5
44
88
20
5
1.8
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
5
46
91
20
5
1.8
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
5
62
128
20
5
1.8
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
12
40
81
30
5
1.8
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
12
44
85
20
5
1.8
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
12
44
91
20
5
1.8
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
12
62
125
20
5
2.5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 4V
NONE
100pF
5
48
103
30
5
2.5
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
5
56
113
30
5
2.5
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
5
57
116
30
5
2.5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
5
60
115
25
5
2.5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 4V
NONE
100pF
12
48
103
30
5
2.5
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
12
51
102
30
5
2.5
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
12
56
113
30
5
2.5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
12
70
159
25
5
3.3
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
7
64
126
30
5
3.3
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 4V
NONE
100pF
7
66
132
30
5
3.3
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
7
82
166
35
5
3.3
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
7
100
200
25
5
3.3
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 4V
NONE
100pF
12
52
106
30
5
3.3
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
12
64
129
35
5
3.3
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
12
64
126
30
5
3.3
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
12
76
144
25
5
5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
15
188
375
25
5
5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
20
159
320
25
5
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com