Electronic Components Datasheet Search
  English  ▼

X  

LTM4600IV Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4600IV
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600IV Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4600IV Datasheet HTML 10Page - Linear Technology LTM4600IV Datasheet HTML 11Page - Linear Technology LTM4600IV Datasheet HTML 12Page - Linear Technology LTM4600IV Datasheet HTML 13Page - Linear Technology LTM4600IV Datasheet HTML 14Page - Linear Technology LTM4600IV Datasheet HTML 15Page - Linear Technology LTM4600IV Datasheet HTML 16Page - Linear Technology LTM4600IV Datasheet HTML 17Page - Linear Technology LTM4600IV Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM4600
14
4600fc
Thermal Considerations and Output Current Derating
The power loss curves in Figures 8 and 13 can be used
in coordination with the load current derating curves in
Figures 9 to 12, and Figures 14 to 15 for calculating an
approximate θJA for the module with various heatsink-
ing methods. Thermal models are derived from several
Figure 7. Parallel Two μModules with Load Sharing
VIN
VOUT
VIN
VOUT
(20AMAX)
4600 F07
LTM4600
PGND
SGND
COMP VOSET
RSET
VIN
VOUT
LTM4600
PGND
SGND
COMP VOSET
temperature measurements at the bench, and thermal
modeling analysis. Application Note 103 provides a detailed
explanation of the analysis for the thermal models, and the
derating curves. Tables 3 and 4 provide a summary of the
equivalent θJA for the noted conditions. These equivalent
θJA parameters are correlated to the measured values, and
improve with air-flow. The case temperature is maintained
at 100°C or below for the derating curves. This allows for
4W maximum power dissipation in the total module with
top and bottom heatsinking, and 2W power dissipation
through the top of the module with an approximate θJC
between 6°C/W to 9°C/W. This equates to a total of 124°C
at the junction of the device.
Safety Considerations
The LTM4600 modules do not provide isolation from VIN to
VOUT. There is no internal fuse. If required, a slow blow fuse
with a rating twice the maximum input current should be
provided to protect each unit from catastrophic failure.
Table 4. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEATSINK
θJA (°C/W)
Figure 14
12
Figure 13
0
None
15.2
Figure 14
12
Figure 13
200
None
14.6
Figure 14
12
Figure 13
400
None
13.4
Figure 15
12
Figure 13
0
BGA Heatsink
13.9
Figure 15
12
Figure 13
200
BGA Heatsink
11.1
Figure 15
12
Figure 13
400
BGA Heatsink
10.5
Table 3. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEATSINK
θJA (°C/W)
Figures 9, 11
5, 12
Figure 8
0
None
15.2
Figures 9, 11
5, 12
Figure 8
200
None
14
Figures 9, 11
5, 12
Figure 8
400
None
12
Figures 10, 12
5, 12
Figure 8
0
BGA Heatsink
13.9
Figures 10, 12
5, 12
Figure 8
200
BGA Heatsink
11.3
Figures 10, 12
5, 12
Figure 8
400
BGA Heatsink
10.25
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com