Electronic Components Datasheet Search
  English  ▼

X  

STL15DN4F5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL15DN4F5
Description  Dual N-channel 40 V, 8 mΩ, 15 A PowerFLAT™5x6) double island, STripFET™V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL15DN4F5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL15DN4F5 Datasheet HTML 4Page - STMicroelectronics STL15DN4F5 Datasheet HTML 5Page - STMicroelectronics STL15DN4F5 Datasheet HTML 6Page - STMicroelectronics STL15DN4F5 Datasheet HTML 7Page - STMicroelectronics STL15DN4F5 Datasheet HTML 8Page - STMicroelectronics STL15DN4F5 Datasheet HTML 9Page - STMicroelectronics STL15DN4F5 Datasheet HTML 10Page - STMicroelectronics STL15DN4F5 Datasheet HTML 11Page - STMicroelectronics STL15DN4F5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
STL15DN4F5
10/12
Doc ID 17739 Rev 1
PowerFLAT™ (5x6) double island mechanical data
Dim
mm
Min
Typ
Max
A0.800.83
0.90
A1
0.02
0.05
A3
0.20
b
0.35
0.40
0.47
D5.00
D1
4.75
D2
4.11
4.21
4.31
E6.00
E1
5.75
E2
3.51
3.61
3.71
E3
2.32
2.42
2.52
e1.27
L
0.70
0.800.90
L1
0.48
0.58
0.68
8066312_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com