Electronic Components Datasheet Search
  English  ▼

X  

BGO827SC0 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGO827SC0
Description  870 MHz optical receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGO827SC0 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGO827SC0 Datasheet HTML 1Page - NXP Semiconductors BGO827SC0 Datasheet HTML 2Page - NXP Semiconductors BGO827SC0 Datasheet HTML 3Page - NXP Semiconductors BGO827SC0 Datasheet HTML 4Page - NXP Semiconductors BGO827SC0 Datasheet HTML 5Page - NXP Semiconductors BGO827SC0 Datasheet HTML 6Page - NXP Semiconductors BGO827SC0 Datasheet HTML 7Page - NXP Semiconductors BGO827SC0 Datasheet HTML 8Page - NXP Semiconductors BGO827SC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2002 Dec 10
3
Philips Semiconductors
Product specification
870 MHz optical receivers
BGO827; BGO827/FC0;
BGO827/SC0
HANDLING
Fibreglass optical coupling: maximum tensile strength = 5 N; minimum bending radius = 35 mm.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
CHARACTERISTICS
Bandwidth 40 to 870 MHz; VB = 24 V; Tmb =30 °C; ZL =75 Ω.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
f
frequency range
40
870
MHz
Tstg
storage temperature
−40
+85
°C
Tmb
operating mounting base temperature
−20
+85
°C
Pin
optical input power
continuous
−
5mW
ESD
ESD sensitivity
human body model;
R = 1.5 k
Ω; C = 100 pF
500
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
S
responsivity
λ = 1300 nm
BGO827
800
−
V/W
BGO827/FC0, BGO827/SC0
750
−
V/W
FL
flatness straight line (peak to valley)
f = 40 to 870 MHz
−
1dB
SL
slope straight line
f = 40 to 870 MHz
0
2
dB
s22
output return losses
f = 40 to 870 MHz
11
−
dB
optical input return losses
45
−
dB
d2
second order distortion
fm = 446.5 MHz;
notes 1 and 3
−−68
dB
fm = 746.5 MHz;
notes 1 and 4
−63
dB
fm = 854.5 MHz;
notes 1 and 5
−57
dB
d3
third order distortion
fm = 853.25 MHz;
notes 2 and 6
−−73
dB
F
equivalent noise input
f = 40 to 450 MHz
−
7
pA/
√Hz
f = 450 to 750 MHz
−
8
pA/
√Hz
f = 750 to 870 MHz
−
8.5
pA/
√Hz
sλ
spectral sensitivity
λ = 1310 ±20 nm
0.85
−
A/W
λ = 1550 ±20 nm
0.9
−
A/W
λ
optical wavelength
1290
1600
nm
L
length of optical fibre
fibre; SM type; 9/125
µm
BGO827
1
−
m
BGO827/FC0, BGO827/SC0
746
861
mm
Itot
total current consumption (DC)
175
205
mA
Ibias
diode bias current at pin 4 (DC)
−
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com