Electronic Components Datasheet Search
  English  ▼

X  

BGO827SC0 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGO827SC0
Description  870 MHz optical receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGO827SC0 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGO827SC0 Datasheet HTML 1Page - NXP Semiconductors BGO827SC0 Datasheet HTML 2Page - NXP Semiconductors BGO827SC0 Datasheet HTML 3Page - NXP Semiconductors BGO827SC0 Datasheet HTML 4Page - NXP Semiconductors BGO827SC0 Datasheet HTML 5Page - NXP Semiconductors BGO827SC0 Datasheet HTML 6Page - NXP Semiconductors BGO827SC0 Datasheet HTML 7Page - NXP Semiconductors BGO827SC0 Datasheet HTML 8Page - NXP Semiconductors BGO827SC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of 2002 Jun 27
2002 Dec 10
DISCRETE SEMICONDUCTORS
BGO827; BGO827/FC0;
BGO827/SC0
870 MHz optical receivers
book, halfpage
M3D456


Similar Part No. - BGO827SC0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
870 MHz optical receivers
2004 Apr 07
BGO827 NXP-BGO827 Datasheet
313Kb / 11P
870 MHz optical receivers
Rev. 5-29 September 2010
BGO827/FC0 PHILIPS-BGO827/FC0 Datasheet
93Kb / 10P
870 MHz optical receivers
2004 Apr 07
BGO827/SC0 PHILIPS-BGO827/SC0 Datasheet
93Kb / 10P
870 MHz optical receivers
2004 Apr 07
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
870 MHz optical receivers
Rev. 5-29 September 2010
More results

Similar Description - BGO827SC0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO747 PHILIPS-BGO747 Datasheet
86Kb / 12P
750 MHz optical receivers
2002 Dec 03
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
870 MHz optical receivers
2004 Apr 07
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
870 MHz optical receivers
Rev. 01-7 July 2004
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
870 MHz optical receiver with integrated gain control
2003 Oct 22
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
870 MHz optical receivers
Rev. 5-29 September 2010
BGO807 NXP-BGO807_10 Datasheet
141Kb / 11P
870 MHz optical receivers
Rev. 2-29 September 2010
logo
Quanzhou Jinmei Electro...
BGO807_2015 JMNIC-BGO807_2015 Datasheet
89Kb / 10P
870 MHz optical receivers
BGO827_2015 JMNIC-BGO827_2015 Datasheet
93Kb / 12P
870 MHz optical receivers
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
870 MHz optical receivers
BGO827 JMNIC-BGO827_15 Datasheet
93Kb / 12P
870 MHz optical receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com