Electronic Components Datasheet Search
  English  ▼

X  

PHP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PHP
Description  High Power Thin Film Wraparound Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHP Datasheet(HTML) 1 Page - Vishay Siliconix

  PHP Datasheet HTML 1Page - Vishay Siliconix PHP Datasheet HTML 2Page - Vishay Siliconix PHP Datasheet HTML 3Page - Vishay Siliconix PHP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 60076
For technical questions, contact: thinfilm@vishay.com
www.vishay.com
Revision: 24-Feb-11
79
High Power Thin Film Wraparound Chip Resistor
PHP
Vishay Thin Film
PHP series chip resistors are designed with enlarged
backside terminations to reduce the thermal resistance
between the topside resistor layer and the solder joint on the
end users circuit board.
Actual power handling capability is limited by the end user
mounting process. As with any high power chip resistor the
ability to remove the generated heat is critical to the overall
performance of the device.
FEATURES
• High purity ceramic substrate
• Power rating to 2.5 W
• Resistance range 10
 to 30 k
• Resistor tolerance to ± 0.1 %
• TCR to ± 25 ppm/°C
• Flame resistant UL 94 V-0
APPLICATIONS
• Power supplies
• Power switching
• Braking system
• Test and measurement equipment
• Motor deflection circuits
TYPICAL PERFORMANCE
Note
(1) Dependent on component mounting by user
ABSOLUTE
TCR
25
TOL.
0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Nichrome
-
Resistance Range
10
 to 30 k
-
TCR: Absolute
25 ppm/°C, 50 ppm/°C (stdandard)
and 100 ppm/°C
- 55 °C to + 125 °C
Tolerance: Absolute
0.1 %, 0.5 %, 1.0 % and 5.0 %
+ 25 °C
Power Rating: Resistor
1206: 1.0 W, 2512: 2.5 W (1)
Maximum at + 70 °C
Stability: Absolute
R 0.1 %
2000 h at + 70 °C
Stability: Ratio
Not applicable
-
Voltage Coefficient
< 0.1 ppm/V
-
Working Voltage
1206: 100 V, 2512: 200 V
-
Operating Temperature Range
- 55 °C to + 125 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
< - 30 dB
-
Shelf Life Stability: Absolute
± 0.01 %
1 year at + 25 °C
COMPONENT RATINGS
CASE SIZE
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
)
1206
1000 (1)
100
10 to 30K
2512
2500 (1)
200
10 to 30K
ENVIRONMENTAL TESTS (Vishay Performance vs. MIL-PRF-55342 Requirements)
ENVIRONMENTAL TEST
LIMITS MIL-PRF-55342
CHARACTERISTIC “E”
TYPICAL VISHAY PERFORMANCE
Resistance Temperature Characteristic
± 25 ppm/°C
± 15 ppm/°C
Maximum Ambient Temperature at Rated Wattage
+ 70 °C
+ 70 °C
Maximum Ambient Temperature at Power Derating
+ 150 °C
+ 150 °C
Thermal Shock
± 0.1 %
± 0.04 %
Low Temperature Operation
± 0.1 %
± 0.001 %
Short Time Overload
± 0.1 %
± 0.003 %
High Temperature Exposure
± 0.1 %
± 0.030 %
Resistance to Soldering Heat
± 0.2 %
± 0.007 %
Moisture Resistance
± 0.2 %
± 0.002 %
Life at + 70 °C for 2000 h
± 0.5 %
± 0.100 %


Similar Part No. - PHP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PHP-100+ MINI-PHP-100+ Datasheet
231Kb / 1P
HIGH PASS FILTERS
PHP-1000 MINI-PHP-1000 Datasheet
231Kb / 1P
HIGH PASS FILTERS
PHP-150 MINI-PHP-150 Datasheet
231Kb / 1P
HIGH PASS FILTERS
PHP-175+ MINI-PHP-175+ Datasheet
231Kb / 1P
HIGH PASS FILTERS
PHP-200+ MINI-PHP-200+ Datasheet
231Kb / 1P
HIGH PASS FILTERS
More results

Similar Description - PHP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
logo
Vishay Siliconix
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
TNPW12061K32DETA VISHAY-TNPW12061K32DETA Datasheet
111Kb / 8P
High Stability Thin Film Chip Resistor
06-Jul-06
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
PCAN VISHAY-PCAN Datasheet
94Kb / 5P
High Power Aluminum Nitride, Wraparound Surface Mount,Precision Thin Film Chip Resistor (up to 6 W)
07-Aug-14
PHP VISHAY-PHP_15 Datasheet
135Kb / 5P
High Power Thin Film Wraparound Chip Resistor
07-Aug-14
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
27-May-2021
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
logo
Stackpole Electronics, ...
RNCP SEI-RNCP Datasheet
455Kb / 7P
High Power Anti-Sulfur Thin Film Chip Resistor
03/09/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com