Electronic Components Datasheet Search
  English  ▼

X  

PHP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PHP
Description  High Power Thin Film Wraparound Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHP Datasheet(HTML) 3 Page - Vishay Siliconix

  PHP Datasheet HTML 1Page - Vishay Siliconix PHP Datasheet HTML 2Page - Vishay Siliconix PHP Datasheet HTML 3Page - Vishay Siliconix PHP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 60076
For technical questions, contact: thinfilm@vishay.com
www.vishay.com
Revision: 24-Feb-11
81
PHP
High Power Thin Film Wraparound Chip Resistor
Vishay Thin Film
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SUBSTRATE
CASE
SIZE
TCR
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
PHP
0 = Alumina
1206
2512
E =
± 25 ppm/°C
H =
± 50 ppm/°C
K =
± 100 ppm/°C
The first 3 digits
are significant
figures and the
last digit
specifies the
number of
zeros to follow.
“R” designates
the decimal
point.
Example:
10R0 = 10
1000 = 100
1001 = 1 k
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
B = Wraparound
Sn/Pb solder
w/nickel barrier
S = Wraparound
lead (Pb)-free solder
SAC-305
RoHS compliant - e1
BS = BULK
100 min., 1 mult
WS = WAFFLE
100 min., 1 mult
WI = WAFFLE
(item single lot
day code)
100 min., 1 mult
TAPE AND REEL
T1 = 1000 min.,
1000 mult
TF = Full reel
TS = 100 min., 1 mult
TI = 100 min., 1 mult
(item single lot
date code)
TP = 100 min., 1 mult
(package unit
single lot date)
06
E
1
02
B
0
1
BT
1
0
PP
2
H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com