Electronic Components Datasheet Search
  English  ▼

X  

DPS Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # DPS
Description  HIGH RELIABILITY FOR LOW COST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

DPS Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  DPS Datasheet HTML 1Page - PETERMANN-TECHNIK DPS Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- FREQUENCY STABILITY TO +-15 PPM
- AVAILABLE IN 5.0 AND 3.3 VOLT
- VERY LOW PERIOD JITTER RMS 8 PS MAX.
SERIES
PACKAGE
5.0 VOLT
3.3 VOLT
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
VOLTAGE
+5.0 VDC +-10%
+3.3 VDC +-10%
30 mA max. < 24.0 MHz
15 mA max. < 24.0 MHz
40 mA max. < 50.0 MHz
20 mA max. < 50.0 MHz
60 mA max. < 80.0 MHz
30 mA max. < 80.0 MHz
80 mA max. < 125.0 MHz
40 mA max. < 125.0 MHz
STANDARD
OPTION
RISE AND FALL TIME
"0" LEVEL
"1" LEVEL
"0" LEVEL
"1" LEVEL
"0" LEVEL
"1" LEVEL
TTL
HCMOS
STANDARD
OPTION
PERIOD JITTER RMS
PART NUMBERING SYSTEM
EXAMPLE
DPS FOR 5 VOLT
DPS3 FOR 3.3 VOLT
BLANK FOR 40/60%
S FOR 45/55%
PIN 1
BLANK FOR NO E/D
ENABLE/DISABLE
E FOR E/D
BLANK FOR 100 PPM
ANY 15 ~ 50 PPM
BLANK FOR 0/+70°C
N = -10/+60°C
M = -20/+70°C
W = -40/+85°C
FREQUENCY
FREQUENCY IN MHz
TAPE AND REEL
-T
HCMOS 5 VOLT
0.4 V max.
FREQUENCY STABILITY
+-15 ~ +-100 PPM
DPS3-1109-S-E-50-W-27.000MHz-T
HCMOS 3.3 VOLT
0.1 V (10% VDD) max.
+2.97 V (90%VDD) min.
SYMMETRY
8 ps max.
TTL 5 VOLT
- EXTENDED TEMPERATURE RANGE TO -40/+85°C
FREQUENCY RANGE
CURRENT
INPUT
-10/+60°C ~ -40/+85°C
-55/+125°C
DPS
Plastic package 14 x 9.8 x 4.7 mm³
1.5 ~ 125.0 MHz
1.5 ~ 125.0 MHz
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
PIN 1
SYMMETRY
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
1 ~ 10 TTL
15 ~ 50 pF
WITHOUT ENABLE/DISABLE FUNCTION
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
FREQUENCY STABILITY
TEMPERATURE RANGE
WITH ENABLE/DISABLE FUNCTION
SERIES
LOAD
OUTPUT
+2.4 V min.
0.4 V (10% VDD) max.
+4.5 V (90%VDD) min.
40/60%
45/55%
10 ns max.
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - DPS

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DPS SENSATA-DPS Datasheet
888Kb / 2P
DIFFERENTIAL PRESSURE SENSORS
Rev:08/01/18
logo
TE Connectivity Ltd
DPS 12 TEC-DPS 12 Datasheet
1Mb / 16P
Passive Components
August 2007
DPS 15 TEC-DPS 15 Datasheet
1Mb / 16P
Passive Components
August 2007
DPS 9 TEC-DPS 9 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Delta Electronics, Inc.
DPS-100AP-11-A DELTA-DPS-100AP-11-A Datasheet
1Mb / 3P
Total power 100W
More results

Similar Description - DPS

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
HC-49US PETERMANN-HC-49US Datasheet
145Kb / 2P
HIGH RELIABILITY FOR LOW COST
CXOF PETERMANN-CXOF Datasheet
140Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2150 PETERMANN-M2150 Datasheet
130Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
HIGH RELIABILITY FOR LOW COST
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-0507 PETERMANN-SXO-0507 Datasheet
114Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-1109 PETERMANN-SXO-1109 Datasheet
126Kb / 2P
HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com