Electronic Components Datasheet Search
  English  ▼

X  

DPS Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # DPS
Description  HIGH RELIABILITY FOR LOW COST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

DPS Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  DPS Datasheet HTML 1Page - PETERMANN-TECHNIK DPS Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OUTLINE DRAWING OF DPS
1.3
1.3
3.8
#4
#3
#2
14.0max
1.52
0.51
5.08
7.62
PIN
#1
#2
#3
#4
FUNCTION
E/D(TriState)/INC
GROUND
OUTPUT
VDD
Unit:mm
OUTPUT WAVE FORM CMOS
(CMOS LOAD)
tr
tf
Th
T
VOL
DUTY=Th/T
VOH
90%VDD
50%VDD
10%VDD
OUTPUT WAVE FORM TTL
(TTL LOAD)
tr
tf
Th
T
VOL
DUTY=Th/T
VOH
2.4V
1.4V
0.4V
TEST CIRCUIT CMOS
TEST
POINT
+
-
mA
M
VM
POWER
SUPPLY
+
-
+
-
0,1µF
OSCILLATOR
OUT
GND
#1
#7
#8
#14
C =15pF
L
NOTE: CL includes probe and fixture capacitance
VCC
TRI-STATE-INPUT
TEST CIRCUIT TTL
TEST
POINT
+
-
mA
M
VM
POWER
SUPPLY
+
-
+
-
0,1µF
OSCILLATOR
OUT
GND
#1
#7
#8
#14
1N4148
or Equiv
TRI-STATE-INPUT
NOTE: CL includes probe and fixture capacitance
VDD
R=390
L
C =15pF
L
REFLOW SOLDERING PROFILE
240°C
150°C
25°C
REFLOW 240°C max.
TIME
1 - 2 minutes
10s max.
4°C/s max.
COOLING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com