Electronic Components Datasheet Search
  English  ▼

X  

VSS4 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VSS4
Description  3.3 Volt Spread Spectrum CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VSS4 Datasheet(HTML) 6 Page - Vectron International, Inc

  VSS4 Datasheet HTML 1Page - Vectron International, Inc VSS4 Datasheet HTML 2Page - Vectron International, Inc VSS4 Datasheet HTML 3Page - Vectron International, Inc VSS4 Datasheet HTML 4Page - Vectron International, Inc VSS4 Datasheet HTML 5Page - Vectron International, Inc VSS4 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VSS4 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Table 7. Standard Frequencies (MHz)
25.000
29.412
33.000
50.000
Other frequencies may be available upon request. Standard frequencies are frequencies which the
crystal has been designed and does not imply a stock position.
Ordering Information
VSS4 -
-
Product Family
Output Frequency in MHz
Spread Spectrum XO, 5x3.2
Voltage Options
Temperature Options
B: +3.3 Vdc ±5%
A: ±100ppm over -10 to 70°C
B: ±50ppm over -10 to 70°C
Spread Range
C: ±100ppm over -40 to 85°C
1: ±0.5% Center Spread
D: ±50ppm over -40 to 85°C
2: ±1% Center Spread
3: ±2% Center Spread
4: -1% Down Spread
5: -2% Down Spread
6: -4% Down Spread
Note: Not all combinations are available
www.vectron.com
Revision History
Date
Description
5/13/2008
Release
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
•
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd.,
WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881
B
1
C
25M00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com