Electronic Components Datasheet Search
  English  ▼

X  

VSS4 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VSS4
Description  3.3 Volt Spread Spectrum CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VSS4 Datasheet(HTML) 1 Page - Vectron International, Inc

  VSS4 Datasheet HTML 1Page - Vectron International, Inc VSS4 Datasheet HTML 2Page - Vectron International, Inc VSS4 Datasheet HTML 3Page - Vectron International, Inc VSS4 Datasheet HTML 4Page - Vectron International, Inc VSS4 Datasheet HTML 5Page - Vectron International, Inc VSS4 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VSS4 series
3.3 Volt Spread Spectrum CMOS Oscillator
The VSS4 Spread Spectrum Crystal Oscillator
Features
• CMOS output
• Output frequencies to 168 MHz
• Tri-state output for board test and debug
• -10/70 or –40/85 °C operating temperature
• Gold over nickel contact pads
• Hermetically sealed ceramic SMD package
• Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• Printers, Copiers, Scanners
• Cable Modems, Set Top Box
• DVD, Blue Ray Disc players
• Computer Peripherals, CPU, Graphic Cards
• LCD Displays
• GPS
• Video Surveillance
• Games
Description
Vectron’s VSS4 Crystal Oscillator (XO) is quartz
stabilized square wave generator with a CMOS
output incorporating spread spectrum
technology, operating off a 3.3 volt supply.
.


Similar Part No. - VSS4

ManufacturerPart #DatasheetDescription
logo
Surge Components
VSS SURGE-VSS Datasheet
498Kb / 1P
rohs compliance
logo
Vatronics Technologies ...
VSS VATRONICS-VSS Datasheet
52Kb / 2P
Safety Standard Capacitors
logo
Bosch Sensortec GmbH
VSS22906/00 BOSCH-VSS22906/00 Datasheet
757Kb / 2P
Color Observation Systems Accessories
12 Feb 2009
VSS2930/00 BOSCH-VSS2930/00 Datasheet
757Kb / 2P
Color Observation Systems Accessories
12 Feb 2009
VSS7901-00T BOSCH-VSS7901-00T Datasheet
757Kb / 2P
Color Observation Systems Accessories
12 Feb 2009
More results

Similar Description - VSS4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
Vectron International, ...
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
3.3, 5.0 volt CMOS Oscillator
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
3.3, 5.0 volt CMOS Oscillator
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
SPREAD SPECTRUM OSCILLATOR
logo
Vectron International, ...
CCFCCA-25M000 VECTRON-CCFCCA-25M000 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
3.3, 5.0 volt CMOS Oscillator
logo
IQD Frequency Products ...
CFSS-2 IQD-CFSS-2 Datasheet
214Kb / 3P
Spread Spectrum Oscillator Specification
logo
Epson Company
SG-9101 EPSON-SG-9101 Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
SG-9101CGA EPSON-SG-9101CGA Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com