Electronic Components Datasheet Search
  English  ▼

X  

LC89901 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC89901
Description  CMOS Driver IC for 1/5 and 1/6 Inch Image Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89901 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC89901 Datasheet HTML 1Page - Sanyo Semicon Device LC89901 Datasheet HTML 2Page - Sanyo Semicon Device LC89901 Datasheet HTML 3Page - Sanyo Semicon Device LC89901 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Block Diagram
Electrical Characteristics at Ta = 25°C, VCC1, VCC2, VCCN = 5.0 V, VEE1, VEE2 = –10.0 V
Note: Load conditions
Load circuit
* Reference values for driving an LC9997 image sensor with pulses input from an LC99052 timing LSI.
NO. 5078-2/4
LC89901V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high level current
IIH
All input pins, VIN = 5.0 V
10
µA
Input low level current
IIL
All input pins, VIN = 0 V
5
nA
ICCH+
VCC1, VCC2, VCCN, all input pins, VIN = 5.0 V
1
µA
Current drain
ICCH–
VEE1, VEE2, all input pins, VIN = 5.0 V
–10
µA
ICCL+
VCC1, VCC2, VCCN, all input pins, VIN = 0 V
7
µA
ICCH–
VEE1, VEE2, all input pins, VIN = 0 V
–2
µA
Output voltage
VOH
All inputs, VIN = 0 V
5.0
V
VOL
All inputs, VIN = 5.0 V
–10.0
V
Operating output voltage*
VOH2
Load = LC9997, input = LC99052
5.0
V
VOL2
Load = LC9997, input = LC99052
–10.0
V
Operating current drain*
ICC2+
Load = LC9997, input = LC99052
1.62
mA
ICC2–
Load = LC9997, input = LC99052
1.61
mA
RL = 18 Ω, CL = 780 pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com