Electronic Components Datasheet Search
  English  ▼

X  

LC89901 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC89901
Description  CMOS Driver IC for 1/5 and 1/6 Inch Image Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89901 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC89901 Datasheet HTML 1Page - Sanyo Semicon Device LC89901 Datasheet HTML 2Page - Sanyo Semicon Device LC89901 Datasheet HTML 3Page - Sanyo Semicon Device LC89901 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics at Ta = 25°C, VCC1, VCC2, VCCN = 5.0 V, VEE1, VEE2 = –10.0 V, fIN = 3.58 MHz
Switching Waveforms
Truth table
NO. 5078-3/4
LC89901V
Parameter
Symbol
Conditions
min
typ
max
Unit
Propagation delay
tPLH
All output pins
23
ns
Low level
→ high level tpLH
Propagation delay
tPHL
All output pins
31
ns
High level
→ low level tpHL
Rise time
tr
All output pins
47
ns
Fall time
tf
All output pins
42
ns
Pin Functions
Output
Input
H
VOL
L
VOH
Pin No.
Pin
Function
1
GND
Ground
2
VEE1
Negative power supply for setting the low level
3
SUBOUT
NSUB driver output
4
OUT1
Channel 1 driver output
5
OUT2
Channel 2 driver output
6
OUT3
Channel 3 driver output
7
OUT4
Channel 4 driver output
8
OUT5
Channel 5 driver output
9
OUT6
Channel 6 driver output
10
OUT7
Channel 7 driver output
11
OUT8
Channel 8 driver output
12
VEE2
Negative power supply for setting the low level
13
VCC2
Positive power supply for setting the high level
14
CH8
Channel 8 driver input
15
CH7
Channel 7 driver input
16
CH6
Channel 6 driver input
17
CH5
Channel 5 driver input
18
CH4
Channel 4 driver input
19
CH3
Channel 3 driver input
20
CH2
Channel 2 driver input
21
CH1
Channel 1 driver input
22
SUB
NSUB driver input
23
VCC1
Positive power supply for setting the high level
24
VCCN
NSUB driver positive power supply



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com