Electronic Components Datasheet Search
  English  ▼

X  

MIC2287C Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2287C
Description  1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2287C Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2287C Datasheet HTML 1Page - Micrel Semiconductor MIC2287C Datasheet HTML 2Page - Micrel Semiconductor MIC2287C Datasheet HTML 3Page - Micrel Semiconductor MIC2287C Datasheet HTML 4Page - Micrel Semiconductor MIC2287C Datasheet HTML 5Page - Micrel Semiconductor MIC2287C Datasheet HTML 6Page - Micrel Semiconductor MIC2287C Datasheet HTML 7Page - Micrel Semiconductor MIC2287C Datasheet HTML 8Page - Micrel Semiconductor MIC2287C Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
February 2006
1
M0510-020906
MIC2287C
Micrel
MIC2287C
1.2MHz PWM White LED Driver with OVP in
2mm × 2mm MLF™ and Thin SOT-23
Typical Application
10�H
0.22�F
6.3�
95mV
1-Cell
Li Ion
1�F
2
3
1
4
5
MIC2287CBD5
VIN
EN
SW
FB
GND
CMDSH-3
3-Series White LED Driver in Thin SOT-23
Features
• 2.5V to 10V input voltage
• Output voltage up to 34V
• Over 500mA switch current
• 1.2 MHz PWM operation
• 95mV feedback voltage
• Output Overvoltage Protection (OVP)
• Options for 15V, 24V, and 34V OVP
• Over-temperature protection
• UVLO
• Low profile Thin SOT-23-5 package option
• 8-lead 2mm × 2mm MLF™ package option
• –40°C to +105°C junction temperature range
• For higher performance specifications see the MIC2287
Applications
• White LED driver for backlighting:
- Cell phones
- PDAs
- GPS systems
- Digital cameras
- MP3 players
- IP phones
• LED flashlights
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc.
10�H
0.22�F
1�F
1-Cell
Li Ion
6.3�
MIC2287C-34BML
VIN
EN
SW
OVP
FB
GND
95mV
CMDSH-3
6-Series White LED Driver
with Output OVP in 2mm × 2mm MLF™-8
General Description
The MIC2287C is a 1.2MHz pulse width modulated (PWM),
boost-switching regulator that is optimized for constant-cur-
rent, white LED driver applications. With a maximum output
voltage of 37V and a switch current of over 500mA, the
MIC2287C easily drives a string of up to 6 white LEDs in
series, ensuring uniform brightness and eliminating several
ballast resistors.
The MIC2287C implements a constant frequency, 1.2MHz
PWM control scheme. The high frequency PWM operation
saves board space by reducing external component sizes.
The added benefit of the constant frequency PWM scheme
as opposed to variable frequency topologies is much lower
noise and input ripple injected back to the battery source.
To optimize efficiency, the feedback voltage is set to only
95mV. This reduces the power dissipation in the current set
resistor and allows the lowest total output voltage, hence
minimal current draw from the battery.
TheMIC2287Cisavailablewith3levelsofovervoltageprotec-
tion, 15V, 24V, and 34V. This allows designers to choose the
smallest possible external components with the appropriate
voltage ratings for their applications.
The MIC2287C is available in low profile Thin SOT-23 5-
lead and an 8-lead 2mm × 2mm MLF™ package options.
The MIC2287C has a junction temperature range of –40°C
to +105°C.
All support documentation can be found on Micrel’s web site
at www.micrel.com.


Similar Part No. - MIC2287C

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C-15BML MICREL-MIC2287C-15BML Datasheet
944Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C-15BML MICREL-MIC2287C-15BML Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C-15YML MICREL-MIC2287C-15YML Datasheet
944Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C-15YML MICREL-MIC2287C-15YML Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results

Similar Description - MIC2287C

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Micrel Semiconductor
MIC2288 MICREL-MIC2288_05 Datasheet
253Kb / 11P
1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com