Electronic Components Datasheet Search
  English  ▼

X  

MIC2287C Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2287C
Description  1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2287C Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2287C Datasheet HTML 1Page - Micrel Semiconductor MIC2287C Datasheet HTML 2Page - Micrel Semiconductor MIC2287C Datasheet HTML 3Page - Micrel Semiconductor MIC2287C Datasheet HTML 4Page - Micrel Semiconductor MIC2287C Datasheet HTML 5Page - Micrel Semiconductor MIC2287C Datasheet HTML 6Page - Micrel Semiconductor MIC2287C Datasheet HTML 7Page - Micrel Semiconductor MIC2287C Datasheet HTML 8Page - Micrel Semiconductor MIC2287C Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
February 2006
3
M0510-020906
MIC2287C
Micrel
Absolute Maximum Ratings(1)
Supply Voltage (VIN) .....................................................12V
Switch Voltage (VSW) ......................................–0.3V to 37V
Enable Pin Voltage (VEN) ................................... –0.3 to VIN
FB Voltage (VFB) .............................................................6V
Switch Current (ISW)........................................................ 2A
Ambient Storage Temperature (TS).......... –65°C to +150°C
ESD Rating(3) ............................................................... 2kV
Operating Ratings(2)
Supply Voltage (VIN)..........................................2.5V to 10V
Junction Temperature Range (TJ) ............ –40°C to +105°C
Package Thermal Impedance
2mm × 2mmMLF™ (θJA) .....................................93°C/W
Thin SOT-23-5 (θJA) .........................................256°C/W
Electrical Characteristics(4)
TA = 25°C, VIN = VEN = 3.6V, VOUT = 10V, IOUT = 10mA, unless otherwise noted. Bold values indicate –40°C < TJ < 105°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under Voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB > 200mV, (not switching)
2.5
5
mA
ISD
Shutdown Current
VEN = 0V(5)
0.1
1
µA
VFB
Feedback Voltage
(±10%)
85
95
105
mV
IFB
Feedback Input Current
VFB = 95mV
–450
nA
Line Regulation(6)
3V ≤ VIN ≤ 5V
0.5
%
Load Regulation(6)
5mA ≤ IOUT ≤ 20mA
0.5
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
750
mA
VSW
Switch Saturation Voltage
ISW = 0.5A
450
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
5
µA
VEN
Enable Threshold
TURN ON
1.5
V
TURN OFF
0.4
V
IEN
Enable Pin Current
VEN = 10V
20
40
µA
fSW
Oscillator Frequency
1.05
1.2
1.35
MHz
VOVP
Overvoltage Protection
MIC2287CBML- 15 only
11.5
14
16.5
V
MIC2287CBML- 24 only
19
22.5
26
V
MIC2287CBML- 34 only
27
32
37
V
TJ
Overtemperature
150
°C
Threshold Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max),
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive
die temperature, and the regulator will go into thermal shutdown.
2. This device is not guaranteed to operate beyond its specified operating ratings.
3. Devices are inherently ESD sensitive. Handling precautions required. Human body model.
4. Specification for packaged product only.
5. ISD = IVIN.
6. Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com