Electronic Components Datasheet Search
  English  ▼

X  

MIC2291 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2291
Description  1.2A PWM Boost Regulator Photo Flash LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2291 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2291 Datasheet HTML 1Page - Micrel Semiconductor MIC2291 Datasheet HTML 2Page - Micrel Semiconductor MIC2291 Datasheet HTML 3Page - Micrel Semiconductor MIC2291 Datasheet HTML 4Page - Micrel Semiconductor MIC2291 Datasheet HTML 5Page - Micrel Semiconductor MIC2291 Datasheet HTML 6Page - Micrel Semiconductor MIC2291 Datasheet HTML 7Page - Micrel Semiconductor MIC2291 Datasheet HTML 8Page - Micrel Semiconductor MIC2291 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC2291
1.2A PWM Boost Regulator Photo Flash
LED Driver
PowerPAK is a trademark of Siliconix, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2007
1
M9999-051507
General Description
The MIC2291 is a 1.2MHz Pulse Width Modulation (PWM),
boost-switching regulator that is optimized for high-current,
white LED photo flash applications. With a guaranteed
switch current of 1.2A, the MIC2291 easily drives a string
of 3 white LEDs in series at 100mA, ensuring a high level
of brightness and eliminating several ballast resistors.
The MIC2291 implements a constant frequency, 1.2MHz
PWM control scheme. The high frequency PWM operation
saves board space by reducing external component sizes.
The added benefit of the constant frequency PWM
scheme, in contrast to variable frequency topologies, is
much lower noise and input ripple injected back to the
battery source.
To optimize efficiency, the feedback voltage is set to only
95mV. This reduces the power dissipation in the current
set resistor, and allows the lowest total output voltage,
hence minimal current draw from the battery.
The MIC2291 is available with 2 levels of over-voltage
protection, 15V, and 34V. This allows designers to choose
the smallest possible external components with the
appropriate voltage ratings for their applications.
The MIC2291 is available in low-profile, Thin SOT23 5-pin
and 8-pin 2mm × 2mm MLF
® package options. The
MIC2291 has a junction temperature range of –40°C to
+125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 2.5V to 10V input voltage
• Output voltage up to 34V
• 1.2A switch current
• 1.2MHz PWM operation
• 95mV feedback voltage
• Overvoltage protection (OVP)
–
Options for 15V and 34V
• Stable with ceramic capacitors
• <1% line and load regulation
• 1µA shutdown current
• Over temperature protection
• UVLO
• Low-profile Thin SOT23-5 package option
• 2mm × 2mm MLF® package option
• –40°C to +125°C junction temperature range
Applications
• Photo Flash LED driver
• Cell phones
• PDAs
• GPS systems
• Digital cameras
• IP phones
• LED flashlights
Typical Application
10µH
0.22µF
ceramic
95mV
1-Cell
Li Ion
3V to 4.2V
1µF
2
3
1
4
5
MIC2291xD5
VIN
EN
SW
FB
GND
100mA
10µH
0.22µF
1µF
1-Cell
Li Ion
3V to 4.2V
MIC2291-15xML
VIN
EN
SW
OVP
FB
GND
95mV
100mA
Thin SOT23 Flash LED Driver
2mm x 2mm Flash LED Driver with Output OVP


Similar Part No. - MIC2291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15BML MICREL-MIC2291-15BML Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15BML MICREL-MIC2291-15BML Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15YML MICREL-MIC2291-15YML Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
More results

Similar Description - MIC2291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
Photo flash dual LED driver
Rev. 03-30 June 2009
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
Photo flash LED driver
Rev. 1-28 October 2011
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
logo
Exar Corporation
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com