Electronic Components Datasheet Search
  English  ▼

X  

MIC2291 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2291
Description  1.2A PWM Boost Regulator Photo Flash LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2291 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2291 Datasheet HTML 1Page - Micrel Semiconductor MIC2291 Datasheet HTML 2Page - Micrel Semiconductor MIC2291 Datasheet HTML 3Page - Micrel Semiconductor MIC2291 Datasheet HTML 4Page - Micrel Semiconductor MIC2291 Datasheet HTML 5Page - Micrel Semiconductor MIC2291 Datasheet HTML 6Page - Micrel Semiconductor MIC2291 Datasheet HTML 7Page - Micrel Semiconductor MIC2291 Datasheet HTML 8Page - Micrel Semiconductor MIC2291 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
MIC2291
May 2007
2
M9999-051507
Ordering Information
Part Number
Marking*
Overvoltage
Protection
Junction
Temp. Range
Package
Lead Finish
MIC2291BD5
SSAA
―
–40° to +125°C
5-Pin Thin SOT23
Standard
MIC2291YD5
SSAA
―
–40° to +125°C
5-Pin Thin SOT23
Pb-Free
MIC2291-15BML
STA
15
–40° to +125°C
8-Pin 2mm x 2mm MLF
®
Standard
MIC2291-15YML
STA**
15
–40° to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
MIC2291-34BML
STC
34
–40° to +125°C
8-Pin 2mm x 2mm MLF
®
Standard
MIC2291-34YML
STC**
34
–40° to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
Notes:
*
Under bar / Over bar symbol may not be to scale.
** Over bar symbol located after Pin 1 identifier.
Pin Configuration
FB GND
EN
VIN
SW
3
1
5
2
4
OVP
VIN
EN
AGND
PGND
SW
FB
NC
1
2
3
4
8
7
6
5
EP
5-Pin TSOT23 (D5)
8-Pin 2mm x 2mm MLF
® (ML)
Pin Description
Pin Number
TSOT23-5
Pin Number
2x2 MLF-8
Pin Name
Pin Name
1
7
SW
Switch node (Output): Internal power BIPOLAR collector.
2
GND
Ground (Return): Ground.
3
6
FB
Feedback (Input): Output voltage sense node. Connect the cathode
of the LED to this pin. Connect current set resistor from this pin to
ground.
4
3
EN
Enable (Input): Logic high (≥1.5V) enables regulator. Logic low
(≤0.4V) shuts down regulator.
5
2
VIN
Supply (Input): Input Voltage.
―
1
OVP
Overvoltage protection (Input): Connect to the output to clamp the
maximum output voltage.
―
4
AGND
Analog ground. Internally connected to ground.
―
8
PGND
Power ground.
―
5
NC
No connect (no internal connection to die).
―
EP
GND
Ground (Return): Exposed backside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com