Electronic Components Datasheet Search
  English  ▼

X  

MIC2342R Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2342R
Description  Dual-Slot PCI Express짰 Hot-Plug Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2342R Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2342R Datasheet HTML 5Page - Micrel Semiconductor MIC2342R Datasheet HTML 6Page - Micrel Semiconductor MIC2342R Datasheet HTML 7Page - Micrel Semiconductor MIC2342R Datasheet HTML 8Page - Micrel Semiconductor MIC2342R Datasheet HTML 9Page - Micrel Semiconductor MIC2342R Datasheet HTML 10Page - Micrel Semiconductor MIC2342R Datasheet HTML 11Page - Micrel Semiconductor MIC2342R Datasheet HTML 12Page - Micrel Semiconductor MIC2342R Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Micrel, Inc.
MIC2342/2342R
June 2008
9
M9999-062008-A
Absolute Maximum Ratings
(1)
12VIN[A/B], 12VSENSE[A/B], 12VGATE[A/B],
12VOUT[A/B] .....................................................14V
3VIN[A/B], 3VSENSE[A/B], 3VGATE[A/B],
3VOUT[A/B], VSTBY[A/B], VAUX[A/B] .......................7V
Digital Inputs
ON[A/B], AUXEN[A/B], /CRSW[A/B],
/FORCE_ON[A/B] ..................–0.5V (min) to 3.6V (max)
CFILTER[A/B], RFILTER[A&B] ...................................7V
Output Current
/PWRGD[A/B], /DLY_PWRGD[A/B]
/FAULT_MAIN[A/B], SYSPWRGD, /INT,
/FAULT_AUX[A/B]
10mA
Power Dissipation ................................Internally Limited
Lead Temperature (Soldering)
Lead-Free Package (-xYTQ)
IR Reflow, Peak ..................................260°C +0°C/–5°C
Storage Temperature ...........................–65°C to +150°C
ESD Rating
(3)
Human Body Model ............................................ 2kV
Machine Model .................................................200V
Operating Ratings
(2)
Supply Voltages
12VIN[A/B].........................................11.0V to 13.0V
3VIN[A/B]...............................................3.0V to 3.6V
VSTBY[A/B]...........................................3.0V to 3.6V
Ambient Temperature (TA)........................ 0°C to + 70°C
Junction Temperature (TJ) .................................... 125°C
Package Thermal Resistance
TQFP
(θJA)................................................. 76.8°C/W
Electrical Characteristics
(4)
12VIN[A/B] = 12V, 3VIN[A/B] = 3.3V, VSTBY[A/B] = 3.3V, TA = 25°C, unless otherwise noted. Bold values specifications applies
over the full operating temperature range from 0 °C < TA < +70 °C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Control and Logic Sections
ICC12
ICC3.3
ICCSTBY
Supply Current
/CRSW[A/B] = LOW
/FORCE_ON[A/B] = HIGH
AUX_EN[A/B], ON[A/B] = [L,H], [L,L]
1.8
0.6
2.8
3
2.5
5
mA
mA
mA
VUVLO(12V)
VUVLO(3V)
VUVLO(STBY)
Undervoltage Lockout Thresholds
12VIN[A/B]
3VIN[A/B]
VSTBY[A/B]
12VIN[A/B] increasing
3VIN[A/B] increasing
VSTBY[A/B] increasing
8
2.2
2.8
9
2.5
2.9
10
2.75
3.0
V
V
V
VHYSSTBY
Undervoltage Lockout Hysteresis
VSTBY[A/B]
50
mV
VHYSUV
Undervoltage Lockout Hysteresis
12VIN[A/B], 3VIN[A/B]
180
mV
VUVTH(12V)
VUVTH(3V)
Power-Good Undervoltage
Thresholds
12VOUT[A/B]
3VOUT[A/B]
12VOUT[A/B] decreasing
3VOUT[A/B] decreasing
10.2
2.7
10.5
2.8
10.8
2.9
V
V
VUVTH(VAUX)
Power-Good Undervoltage
Threshold
VAUX[A/B]
VAUX[A/B] decreasing
IAUX = 600mA
2.7
2.8
2.9
V
VHYSPG
Power-Good Detect Hysteresis
30
mV
VGATE(12V)
12VGATE[A/B] Voltage
0
1.5
V
IGATE(12VSINK)
12VGATE[A/B] Pull-down Current
Start Cycle
15
25
35
µA
IGATE(12VPULLUP)
12VGATE[A/B] Pull-up Current
(Fault Off)
Any fault condition
(VDD –VGATE) = 2.5V
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com