Electronic Components Datasheet Search
  English  ▼

X  

MIC2342R Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2342R
Description  Dual-Slot PCI Express짰 Hot-Plug Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2342R Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2342R Datasheet HTML 17Page - Micrel Semiconductor MIC2342R Datasheet HTML 18Page - Micrel Semiconductor MIC2342R Datasheet HTML 19Page - Micrel Semiconductor MIC2342R Datasheet HTML 20Page - Micrel Semiconductor MIC2342R Datasheet HTML 21Page - Micrel Semiconductor MIC2342R Datasheet HTML 22Page - Micrel Semiconductor MIC2342R Datasheet HTML 23Page - Micrel Semiconductor MIC2342R Datasheet HTML 24Page - Micrel Semiconductor MIC2342R Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Micrel, Inc.
MIC2342/2342R
June 2008
21
M9999-062008-B
Standby Mode
Standby mode is entered when one or more of the MAIN
supply inputs (12VIN and/or 3VIN) are below its
respective UVLO threshold or OFF. The MIC2342 also
supplies 3.3V auxiliary outputs (VAUX[A/B]), satisfying
PCI Express specifications. These outputs are fed via
the VSTBY[A/B] input pins and controlled by the
AUXEN[A/B] input pins. These outputs are independent
of the MAIN outputs (12VIN[A/B] and 3VIN[A/B]). Should
the MAIN supply inputs move below their respective
UVLO thresholds, VAUX[A/B] will still function as long as
VSTBY[A/B] is present. Prior to standby mode, ONA and
ONB inputs should be de-asserted or the MIC2342 will
assert the /FAULT_MAIN[A/B] and /INT output signals, if
an undervoltage condition on the MAIN supply inputs is
detected.
Circuit Breaker Function
The MIC2342 provides an electronic circuit breaker
function that protects against excessive loads, such as
short circuits, at each supply. When the current from one
or more of a slot’s MAIN outputs exceeds the current
limit threshold (ILIM = 50mV/RSENSE) for a duration greater
than tFLT, the circuit breaker is tripped and both MAIN
supplies (all outputs except VAUX[A/B]) are shut off.
Should the load current cause a MAIN output’s VSENSE to
exceed VTHFAST, the outputs are immediately shut off with
no delay. Undervoltage conditions on the MAIN supply
inputs also trip the circuit breaker, but only when the
MAIN outputs are enabled (to signal a supply input
brown-out condition).
The VAUX[A/B] outputs have a different circuit-breaker
function. The VAUX[A/B] circuit breakers do not
incorporate a fast-trip detector, instead they regulate the
output current into a fault to avoid exceeding their
operating current limit. The circuit breaker will trip due to
an overcurrent on VAUX[A/B] when the fault timer
expires, shutting down the VAUX output and both MAIN
outputs of the affected slot. The AUX output dependence
for the MAIN supplies during an AUX fault is inherent in
the MIC2342/MIC2342R but does not apply for the
MIC2341/MIC2341R. This use of the tFLT timer prevents
the circuit breaker from tripping prematurely due to brief
current transients.
Following a fault condition, the outputs can be turned on
again by toggling the ON[A/B] input high-low-high (if the
fault occurred on one of the MAIN outputs), or similarly
toggling the AUXEN[A/B] input (if the fault occurred on
the AUX outputs), or by cycling both ON[A/B] and
AUXEN[A/B] (if faults occurred on both the MAIN and
AUX outputs). When the circuit breaker trips, the
corresponding /FAULT_MAIN[A/B] or /FAULT_AUX[A/B]
will be asserted. At the same time, /INT will be asserted.
Note that /INT is only de-asserted by applying a high-to-
low transition on the corresponding slot’s ON[A/B] or
AUXEN[A/B] input.
The response time (tFLT) of the MIC2342’s primary
overcurrent detector is set by external capacitors at the
CFILTER[A/B] pins to GND. For Slot A, CFILTER[A] is
located at Pin 2; for Slot B, CFILTER[B] is located at Pin
35. For a given response time, the value for CFILTER[A/B] is
given by:
3
FILTER
FILTER
FLT[A/B]
]
FILTER[A/B
10
(V)
V
(µA)
I
(ms)
t
(µF)
C
×
×
=
where tFLT[A/B] is the desired response time and quantities
IFILTER and VFILTER are specified in the MIC2342’s
“Electrical Characteristics” table.
Digital Filter and Auto-Retry Functions
New timers have been incorporated for additional
protection
for
overcurrent
situations.
In
many
applications,
external
power
MOSFETs
used
at
12VOUT[A/B] and at 3VOUT[A/B] have been damaged
during initial start-up and overcurrent conditions because
the response time of the primary OC detectors was set
too long (that is, an incorrect value for CFILTER[A/B]
was used). In these products, a digital filter delay
counter is introduced, and is internally set to a typical
delay time of 40ms. As shown in the typical applications
circuit of the MIC2342, an external capacitor from
CFILTER[A/B] to ground is used to set the response
time of the primary overcurrent detectors to tFLT. At the
time a large inrush current causes the primary OC
detector
to
sense
an
overcurrent
condition,
a
CFILTER[A/B] charge-up sequence is initiated. At the
same time, the MIC2342’s digital filter delay counter is
also initiated and commences a count-up to 40ms. The
MIC2342’s internal logic circuits have been designed to
trip the circuit breaker after tFLT or tDFLT, whichever delay
is smaller. If the overcurrent condition causes the
electronic circuit breaker to latch off and thereby
asserting a FAULT condition, the MIC2342 remains
latched-off awaiting system intervention (by toggling
ON[A/B] and/or AUXEN[A/B] and/or cycling the input
power supplies). Internal to the MIC2342R only, a
second, or auto-retry, delay counter is initiated and
commences a count-up to approximately 820ms to allow
the external power MOSFET to cool before attempting
another power-up sequence.
Figure 6 illustrates the
filter responses during an overcurrent fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com