Electronic Components Datasheet Search
  English  ▼

X  

MIC2841A Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2841A
Description  High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2841A Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2841A Datasheet HTML 5Page - Micrel Semiconductor MIC2841A Datasheet HTML 6Page - Micrel Semiconductor MIC2841A Datasheet HTML 7Page - Micrel Semiconductor MIC2841A Datasheet HTML 8Page - Micrel Semiconductor MIC2841A Datasheet HTML 9Page - Micrel Semiconductor MIC2841A Datasheet HTML 10Page - Micrel Semiconductor MIC2841A Datasheet HTML 11Page - Micrel Semiconductor MIC2841A Datasheet HTML 12Page - Micrel Semiconductor MIC2841A Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel Inc.
MIC2841A
June 2009
9
M9999-062909-C
Figure 6. PWM Signal at 1% Duty Cycle (Iavg = 0.2mA)
Figure 7. PWM Signal at 20% Duty Cycle (Iavg = 4mA)
Figure 8. PWM Signal at 50% Duty Cycle (Iavg = 10mA)
Figure 9. PWM Signal at 80% Duty Cycle (Iavg = 16mA)
Figure 10. PWM Signal at 100% Duty Cycle (Iavg = 20mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com