Electronic Components Datasheet Search
  English  ▼

X  

MIC2841A Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2841A
Description  High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2841A Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2841A Datasheet HTML 1Page - Micrel Semiconductor MIC2841A Datasheet HTML 2Page - Micrel Semiconductor MIC2841A Datasheet HTML 3Page - Micrel Semiconductor MIC2841A Datasheet HTML 4Page - Micrel Semiconductor MIC2841A Datasheet HTML 5Page - Micrel Semiconductor MIC2841A Datasheet HTML 6Page - Micrel Semiconductor MIC2841A Datasheet HTML 7Page - Micrel Semiconductor MIC2841A Datasheet HTML 8Page - Micrel Semiconductor MIC2841A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel Inc.
MIC2841A
June 2009
3
M9999-062909-C
Absolute Maximum Ratings
(1)
Main Input Voltage (VIN) .................................. –0.3V to +6V
Enable Input Voltage (VEND) ............................ –0.3V to +6V
LED Driver Voltage (VD1-D4) ............................ –0.3V to +6V
Power Dissipation .....................................Internally Limited
Lead Temperature (soldering, 10sec.)....................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +3.0V to +5.5V
Enable Input Voltage (VEND) .................................. 0V to VIN
LED Driver Voltage (VD1-D4) ................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
2mm x 2mm Thin MLF
® (θJA).............................90°C/W
Electrical Characteristics
VIN = VEND = 3.8V, RSET = 20.5kΩ; VD1-D4 = 0.6V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ 125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Current Accuracy
(4)
1.5
%
Matching
(5)
1.5
3.6
%
Drop-out
Where ILED = 90% of LED current seen at
VDROPNOM = 0.6V, 100% brightness level
40
80
mV
Ground/Supply Bias Current
ILED = 20mA
1.4
1.8
mA
Shutdown Current
(current source leakage)
VEND = 0V
0.01
1
µA
PWM Dimming
Logic Low
0.2
V
Enable Input Voltage (VEND)
Logic High
1.2
V
Enable Input Current
VIH > 1.2V
0.01
1
µA
Current Source Delay
(50% levels)
Shutdown to on
Standby to on
On to standby
40
2
0.3
80
µs
µs
µs
Current Source Transient Time
(10%-90%)
TRISE
TFALL
1
0.3
µs
µs
Stand-by to Shutdown Time
VEND = 0V
10
24
40
ms
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. As determined by average current of all channels in use and all channels loaded.
5. The current through each LED meets the stated limits from the average current of all LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com