Electronic Components Datasheet Search
  English  ▼

X  

JA1 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # JA1
Description  Sample Program (Lux Meter)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

JA1 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button JA1 Datasheet HTML 8Page - Renesas Technology Corp JA1 Datasheet HTML 9Page - Renesas Technology Corp JA1 Datasheet HTML 10Page - Renesas Technology Corp JA1 Datasheet HTML 11Page - Renesas Technology Corp JA1 Datasheet HTML 12Page - Renesas Technology Corp JA1 Datasheet HTML 13Page - Renesas Technology Corp JA1 Datasheet HTML 14Page - Renesas Technology Corp JA1 Datasheet HTML 15Page - Renesas Technology Corp JA1 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REJ05B0811_0110 Rev.1.10
2007.11
Page 13 of 16
M16C/26A Group
Sample Program (Lux Meter)
9.
Example Circuit
10. Part List
Part name
Part No.
Q’ty
Manufacturer
Type number
Value
Remark
Illuminance sensor
U2
1
TOSHIBA
TPS851
Op-amp
U4
1
TI
LM358PSR
Laminated ceramic
capacitor
C7 - C8
2
Panasonic
ECJ-1VF1H104
100nF/50V
Electrolytic
capacitor
C9
1
Panasonic
ECE-V1HS010SR
1uF/50V
Chip resistor
R6
1
ROHM
MCR10EZHF102
1k
1/8W,1%(5% also acceptable)
Chip resistor
R8,R10
2
ROHM
MCR10EZHF472
4.7k
1/8W,1%
Chip resistor
R9
1
ROHM
MCR10EZHF103
10k
1/8W,1%(5% also acceptable)
PCB header
JA1,JA2
2
Molex
10-88-1261
26-pin
Male, 2-row, vertical type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com