Electronic Components Datasheet Search
  English  ▼

X  

JA1 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # JA1
Description  Sample Program (Lux Meter)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

JA1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  JA1 Datasheet HTML 1Page - Renesas Technology Corp JA1 Datasheet HTML 2Page - Renesas Technology Corp JA1 Datasheet HTML 3Page - Renesas Technology Corp JA1 Datasheet HTML 4Page - Renesas Technology Corp JA1 Datasheet HTML 5Page - Renesas Technology Corp JA1 Datasheet HTML 6Page - Renesas Technology Corp JA1 Datasheet HTML 7Page - Renesas Technology Corp JA1 Datasheet HTML 8Page - Renesas Technology Corp JA1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REJ05B0811_0110 Rev.1.10
2007.11
Page 3 of 16
M16C/26A Group
Sample Program (Lux Meter)
5.
Operational Specification
(1) The AD value is read-in for 5 seconds after the reset switch is
depressed, and the values read during that time are averaged to
yield an initial illuminance.
(2) The initial illuminance “0” is displayed.
The initial illuminance and the current illuminance levels are
compared in Table 1.
* The AD values are set by calling the common function “AD
average” (RL_AdVeraging). Within the function, a value is
sampled 6 times, and the sampled values except the maximum and
minimum values are averaged, the result of which is returned. This
average value is acquired 8 times, the average of which is made a
fixed value.
Table 1. Initial Illuminance and Current Illuminance Levels
Initial illuminance level
- 0.70V
- 1.10V
- 1.60V
1.60V -
-4
- 0.10V
- 0.40V
- 0.90V
- 1.10V
-3
- 0.30V
- 0.60V
- 1.10V
- 1.40V
-2
- 0.50V
- 0.80V
- 1.30V
- 1.70V
-1
- 0.60V
- 1.00V
- 1.50V
- 2.00V
0
- 0.80V
- 1.20V
- 1.70V
- 2.10V
1
- 1.00V
- 1.40V
- 1.90V
- 2.30V
2
- 1.20V
- 1.60V
- 2.10V
- 2.50V
3
- 1.40V
- 1.80V
- 2.30V
- 2.60V
Displayed level
4
1.40 V -
1.80V -
2.30V -
2.60V -
(1)After reset switch depressed
A D
U S
J
T
(2)Initial illuminance displayed
(5) Current illuminance
input level changes
(3) Changed level displayed
LE
E L
V
0
LE
E L
V
-
3
LI GH T
L I G H T
L I G H T
Figure 2. Example of Program Operation
(4)5 seconds elapsed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com