Electronic Components Datasheet Search
  English  ▼

X  

JA1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # JA1
Description  Sample Program (Message)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

JA1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  JA1 Datasheet HTML 1Page - Renesas Technology Corp JA1 Datasheet HTML 2Page - Renesas Technology Corp JA1 Datasheet HTML 3Page - Renesas Technology Corp JA1 Datasheet HTML 4Page - Renesas Technology Corp JA1 Datasheet HTML 5Page - Renesas Technology Corp JA1 Datasheet HTML 6Page - Renesas Technology Corp JA1 Datasheet HTML 7Page - Renesas Technology Corp JA1 Datasheet HTML 8Page - Renesas Technology Corp JA1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
REJ05B0816-0110 Rev.1.10
2007.11
Page 5 of 17
M16C/26A Group
Sample Program (Message)
6.
Definition of the RSK Functionality and the RSK_LIB APIs and Common Functions Used by
Message Operation
6.1 Definition of the RSK Functionality
RSKdefine.h file
In this application, the following functionalities (those shown in red) are set.
Individual definition of each selected functionality
/*********************************************************
The boot information on CPU is defined
Usually, this mode is used
*********************************************************/
//#define _CPU_M16C26A_NORMAL_MOD
/* Use in low power mode can be performed. */
//#define _CPU_M16C26A_32KHZ_MOD
/* Use of access of a flash can be performed. */
#define _CPU_M16C26A_DATAFLASF_USE
/********************************************************
The hardware function which RSK supports is chosen
/********************************************************/
//#define _USE_KEY
//#define _USE_BUZZER
//#define _OPTION_USE_AD
#define _OPTION_USE_COM_RX
//#define _OPTION_USE_COM_TX
//#define _OPTION_USE_INFRAEDRX
//#define _OPTION_USE_INFRAEDTX
#define _OPTION_USE_SW
//#define _OPTION_USE_LED
//#define _OPTION_USE_IO
#if defined _OPTION_USE_SW
#define _OPTION_USE_PUSHSW1
//#define _OPTION_USE_PUSHSW2
//#define _OPTION_USE_PUSHSW3
#endif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com