Electronic Components Datasheet Search
  English  ▼

X  

JA1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # JA1
Description  Sample Program (Message)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

JA1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  JA1 Datasheet HTML 1Page - Renesas Technology Corp JA1 Datasheet HTML 2Page - Renesas Technology Corp JA1 Datasheet HTML 3Page - Renesas Technology Corp JA1 Datasheet HTML 4Page - Renesas Technology Corp JA1 Datasheet HTML 5Page - Renesas Technology Corp JA1 Datasheet HTML 6Page - Renesas Technology Corp JA1 Datasheet HTML 7Page - Renesas Technology Corp JA1 Datasheet HTML 8Page - Renesas Technology Corp JA1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
REJ05B0816-0110 Rev.1.10
2007.11
Page 1 of 17
Application Notes
M16C/26A Group
Sample Program (Message)
1.
Summary
This sample program receives the text data (message) input from the keyboard of a PC and shows the message on liquid crystal display
while at the same time writing it into the internal flash memory by using the Renesas Starter Kit for M16C/26A (R0K33026AS000BE).
2.
Introduction
The example described in this document applies to the microcomputers listed below:
Microcomputers: M16C26A
This sample program runs on the Renesas Starter Kit for M16C/26A (R0K33026AS000BE).
Prepare an extension board available for the Renesas Starter Kit or create a circuit similar to the one shown in the example circuit on page
14 and then connect it to the Starter Kit.
This program uses RSK_LIB. For details about RSK_LIB, see the RSK_LIB reference manual. (RSK_LIB is the library software provided
for use with the Renesas Starter Kit for M16C/26A.)
The extension board used here is a product
from PI System Co., Ltd.
(Straight type)
Received data


Similar Part No. - JA1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
JA1 RENESAS-JA1 Datasheet
638Kb / 18P
Sample Program (Electronic Desktop Calculator)
JA1 RENESAS-JA1 Datasheet
568Kb / 16P
Sample Program (Lux Meter)
JA1 RENESAS-JA1 Datasheet
514Kb / 17P
Sample Program (Musical Scale)
logo
List of Unclassifed Man...
JA10-4-070 ETC-JA10-4-070 Datasheet
1Mb / 17P
Floating Joint
JA100-24-300 ETC-JA100-24-300 Datasheet
1Mb / 17P
Floating Joint
More results

Similar Description - JA1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
Sample Program (24-Number Time-of-Day Clock)
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
Sample Program (Calendar)
M16C26A-EDC RENESAS-M16C26A-EDC Datasheet
638Kb / 18P
Sample Program (Electronic Desktop Calculator)
M16C26A-LM RENESAS-M16C26A-LM Datasheet
568Kb / 16P
Sample Program (Lux Meter)
M16C26A-MS RENESAS-M16C26A-MS Datasheet
514Kb / 17P
Sample Program (Musical Scale)
M16C26A-RCT RENESAS-M16C26A-RCT Datasheet
538Kb / 18P
Sample Program (Remote Control Transmission/Reception)
M16C26A-TS RENESAS-M16C26A-TS Datasheet
601Kb / 17P
Sample Program (Terminal Software)
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
Sample Program (Voltmeter)
R8C-3MT RENESAS-R8C-3MT Datasheet
112Kb / 21P
Sample Program: 3-Minute Timer
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
Sample Program: Musical Scales
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com