Electronic Components Datasheet Search
  English  ▼

X  

JA1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # JA1
Description  Sample Program (Musical Scale)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

JA1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  JA1 Datasheet HTML 1Page - Renesas Technology Corp JA1 Datasheet HTML 2Page - Renesas Technology Corp JA1 Datasheet HTML 3Page - Renesas Technology Corp JA1 Datasheet HTML 4Page - Renesas Technology Corp JA1 Datasheet HTML 5Page - Renesas Technology Corp JA1 Datasheet HTML 6Page - Renesas Technology Corp JA1 Datasheet HTML 7Page - Renesas Technology Corp JA1 Datasheet HTML 8Page - Renesas Technology Corp JA1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
REJ05B0817-0110 Rev.1.10
2007.12
Page 4 of 17
M16C/26A Group
Sample Program (Musical Scale)
5.
Operational Specification
(1) Immediately after the reset switch is depressed, the scale
corresponding to a variable resistor position is output.
(2) Scale output and display are changed using the variable
resistor (R9).
(3) Scale output is turned on or off by pressing SW1.
When scale output is turned off, a string “mute” is
displayed.
Relationship between VR Input (Input Voltage) and Scale Output
Input voltage
Frequency
0 -0.625V
do
259Hz
0.625 -1.25V
re
292Hz
1.25 -1.875V
mi
327Hz
1.875 - 2.5V
fa
347Hz
2.5 - 3.125V
so
393Hz
3.125 - 3.75V
la
441Hz
3.75 - 4.375V
si
498Hz
4.375 - 5V
do
524Hz
* The AD values are set by calling the common function “AD
average” (RL_AdVeraging). Within the function, a value is
sampled 6 times, and the sampled values except the maximum
and minimum values are averaged, the result of which is
returned. This average value is acquired 8 times, the average of
which is made a fixed value.
(1) Reset switch depressed
2
5
H z
9
d
s
c
a
l
e
o
(2) Variable resistor
2
9
H z
2
r
s
c
a
l
e
e
m u t
s
c
a
l
e
e
(3) SW1 depressed
2
9
H z
2
r
s
c
a
l
e
e
(4) SW1 depressed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com