Electronic Components Datasheet Search
  English  ▼

X  

JA1 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # JA1
Description  Sample Program (Musical Scale)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

JA1 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button JA1 Datasheet HTML 9Page - Renesas Technology Corp JA1 Datasheet HTML 10Page - Renesas Technology Corp JA1 Datasheet HTML 11Page - Renesas Technology Corp JA1 Datasheet HTML 12Page - Renesas Technology Corp JA1 Datasheet HTML 13Page - Renesas Technology Corp JA1 Datasheet HTML 14Page - Renesas Technology Corp JA1 Datasheet HTML 15Page - Renesas Technology Corp JA1 Datasheet HTML 16Page - Renesas Technology Corp JA1 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
REJ05B0817-0110 Rev.1.10
2007.12
Page 14 of 17
M16C/26A Group
Sample Program (Musical Scale)
9.
Example Circuit
10. Part List
Part name
Part No.
Q’ty
Manufacturer
Type number
Value
Remark
Buzzer
BUZZ1
1
CUI inc
CEP-1160
No-polarity, separately exited oscillation
Switching diode
D1
1
ROHM
1SS355TE-17
Chip resistor
R7
1
ROHM
MCR10EZHF103
10k
1/8W, 5%
PCB header
JA1,JA2
2
Molex
10-88-1261
26pin
Male, 2-row, vertical type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com