Electronic Components Datasheet Search
  English  ▼

X  

MIC94040 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC94040
Description  28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94040 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC94040 Datasheet HTML 1Page - Micrel Semiconductor MIC94040 Datasheet HTML 2Page - Micrel Semiconductor MIC94040 Datasheet HTML 3Page - Micrel Semiconductor MIC94040 Datasheet HTML 4Page - Micrel Semiconductor MIC94040 Datasheet HTML 5Page - Micrel Semiconductor MIC94040 Datasheet HTML 6Page - Micrel Semiconductor MIC94040 Datasheet HTML 7Page - Micrel Semiconductor MIC94040 Datasheet HTML 8Page - Micrel Semiconductor MIC94040 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC94040/1/2/3
May 2008
2
M9999-053008-A
Ordering Information
Part Number
Part Marking
(1)
Fast
Turn On
Soft-Start
Load
Discharge
Package
(2)
MIC94040YFL
—
P4
•
4-Pin (1.2mm x 1.2mm) MLF
®
MIC94041YFL
—
P1
•
•
4-Pin (1.2mm x 1.2mm) MLF
®
MIC94042YFL
—
P2
•
4-Pin (1.2mm x 1.2mm) MLF
®
MIC94043YFL
—
P3
•
•
4-Pin (1.2mm x 1.2mm) MLF
®
Notes:
1. MLF
® Pin 1 Identifier symbol is “”.
2. MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
Top View
4-Pin (1.2mm x1.2mm) MLF
®
Pin Description
Pin Number
Pin Name
Pin Function
1
VOUT
Drain of P-channel MOSFET.
2
GND
Ground should be connected to electrical ground.
3
VIN
Source of P-channel MOSFET.
4
EN
Enable (Input): Active-high CMOS/TTL control input for switch. Internal ~2M
W Pull down resistor.
Output will be off if this pin is left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com