Electronic Components Datasheet Search
  English  ▼

X  

MIC94040 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC94040
Description  28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94040 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC94040 Datasheet HTML 1Page - Micrel Semiconductor MIC94040 Datasheet HTML 2Page - Micrel Semiconductor MIC94040 Datasheet HTML 3Page - Micrel Semiconductor MIC94040 Datasheet HTML 4Page - Micrel Semiconductor MIC94040 Datasheet HTML 5Page - Micrel Semiconductor MIC94040 Datasheet HTML 6Page - Micrel Semiconductor MIC94040 Datasheet HTML 7Page - Micrel Semiconductor MIC94040 Datasheet HTML 8Page - Micrel Semiconductor MIC94040 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC94040/1/2/3
May 2008
3
M9999-053008-A
Absolute Maximum Ratings(1)
Input Voltage (VIN) ...........................................................+6V
Enable Voltage (VEN) ......................................................+6V
Continuous Drain Current (ID)
(3)
TA = 25°C .................................................................±3A
TA = 85°C .................................................................±2A
Pulsed Drain Current (IDP)
(4) .........................................±6.0A
Continuous Diode Current (IS)
(5) ................................–50mA
Storage Temperature (Ts) ......................... –55°C to +150°C
ESD Rating – HBM
(6)....................................................... 3kV
Operating Ratings(2)
Input Voltage (VIN) ..........................................+1.7 to +5.5V
Junction Temperature (TJ) .......................–40°C to +125°C
Package Thermal Resistance
MLF
® (qJC) ........................................................90°C/W
Electrical Characteristics
TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VEN_TH
Enable Threshold Voltage
VIN = 1.7V to 4.5V, ID = –250µA
0.4
1.2
V
VIN = VEN = 5.5V, ID = OPEN
Measured on VIN MIC94040, MIC94041
0.1
1
IQ
Quiescent Current
VIN = VEN = 5.5V, ID = OPEN
Measured on VIN MIC94042, MIC94043
7
10
µA
IEN
Enable Input Current
VIN = VEN = 5.5V, ID = OPEN
2.5
4
µA
ISHUT-Q
Quiescent Current (shutdown)
VIN = +5.5V, VEN = 0V, ID = OPEN
Measured on VIN
0.1
1
µA
ISHUT-SWITCH
OFF State Leakage Current
VIN = +5.5V, VEN = 0V, ID = SHORT
Measured on VOUT,
(7)
0.1
1
µA
VIN = +5.0V, ID = –100mA, VEN = 1.5V
28
55
mΩ
VIN = +4.5V, ID = –100mA, VEN = 1.5V
30
60
mΩ
VIN = +3.6V, ID = –100mA, VEN = 1.5V
33
65
mΩ
VIN = +2.5V, ID = –100mA, VEN = 1.5V
45
90
mΩ
VIN = +1.8V, ID = –100mA, VEN = 1.5V
72
145
mΩ
RDS(ON)
P-Channel Drain to Source ON
Resistance
VIN = +1.7V, ID = –100mA, VEN = 1.5V
82
160
mΩ
RSHUTDOWN
Turn-Off Resistance
(MIC94041, MIC94043)
VIN = +3.6V, ITEST = 1mA, VEN = 0V
250
400
Ω
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. With thermal contact to PCB. See thermal considerations section.
4. Pulse width <300µs with < 2% duty cycle.
5. Continuous body diode current conduction (reverse conduction, i.e. VOUT to VIN) is not recommended.
6. Devices are ESD sensitive. Handling precautions recommended. HBM (Human body model), 1.5kΩ in series with 100pF.
7. Measured on the MIC94040YFL and MIC94042YFL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com